Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65160PWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS65160PWPR
Description  BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65160PWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65160PWPR Datasheet HTML 18Page - Texas Instruments TPS65160PWPR Datasheet HTML 19Page - Texas Instruments TPS65160PWPR Datasheet HTML 20Page - Texas Instruments TPS65160PWPR Datasheet HTML 21Page - Texas Instruments TPS65160PWPR Datasheet HTML 22Page - Texas Instruments TPS65160PWPR Datasheet HTML 23Page - Texas Instruments TPS65160PWPR Datasheet HTML 24Page - Texas Instruments TPS65160PWPR Datasheet HTML 25Page - Texas Instruments TPS65160PWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
C3
1 mF
C6
0.47 mF
VGL
−5 V/50 mA
C7
470 mF
R3
620 kW
R4
150 kW
C8
220 nF
C9
22 nF
C10
10 nF
C17
22 nF
D6
SL22
L2
15 mH
Cb
100 nF
R8
1.2 kW
R7
2 kW
C14
10 nF
C12
2*22 mF
Vlogic
3.3 V/1.5 A
R6
76 kW
R5
1 MW
VGH
23 V/50 mA
0.47 mF
C5
Vs
13.5 V/2 A
C15
470 nF
C2
3*22 mF
R1
820 kW
C4
22 pF
L1
6.9 mH
Vin
12 V + 10%
C1
2*22 mF
COMP
VINB
FREQ
EN1
EN2
DRN
FBN
REF
PGND
PGND
SW
SW
AVIN
FB
GND
OS
DRP
FBP
Boot
SWB
NC
DLY1
TPS65160
D1
SL22
D2
D3
D4
D5
SS
VINB
GD
FBB
DLY2
SUP
GD
C16
1 mF
C11
10 nF
R2
75 kW
C13
0.47 mF
8
12
20
21
22
16
9
11
13
24
6
7
28
25
4
5
1
3
23
27
10
14
17
18
19
15
2
26
C3
1 mF
C6
0.47 mF
VGL
−5 V/50 mA
C7
470 mF
R3
620 kW
R4
150 kW
C8
220 nF
C9
22 nF
C10
10 nF
C11
10 nF
C17
22 nF
D6
SL22
L2
15 mH
Cb
100 nF
R8
1.2 kW
R7
2 kW
C14
10 nF
C13
0.47 mF
Vlogic
3.3 V/1.5 A
R6
56 kW
R5
1 MW
VGH
23 V/50 mA
0.47 mF
C5
Vs
15 V/1.5 A
R2
56 kW
C15
470 nF
C2
3*22 mF
R1
680 kW
C4
22 pF
L1
10 mH
Vin
12 V
C1
2*22 mF
C16
1 mF
COMP
VINB
FREQ
EN1
EN2
DRN
FBN
REF
PGND
PGND
SW
SW
AVIN
FB
GND
OS
DRP
FBP
Boot
SWB
NC
DLY1
TPS65160
D1
SL22
D2
D3
D4
D5
SS
VINB
GD
FBB
DLY2
SUP
GD
GD
SI2343
C18
220 nF
R9
510 kW
R10
100 kW
C19
1 mF
C12
2*22 mF
8
12
20
21
22
16
9
11
13
24
6
7
28
25
4
5
1
3
23
27
10
14
17
18
19
15
2
26
TPS65160, TPS65160A
SLVS566C – MARCH 2005 – REVISED MARCH 2013
www.ti.com
Figure 20. Driving an Isolation FET for VS using the GD Pin
Figure 21. 12-V to 13.5-V Conversion
22
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: TPS65160 TPS65160A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com