Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65160PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65160PWPR
Description  BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65160PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65160PWPR Datasheet HTML 3Page - Texas Instruments TPS65160PWPR Datasheet HTML 4Page - Texas Instruments TPS65160PWPR Datasheet HTML 5Page - Texas Instruments TPS65160PWPR Datasheet HTML 6Page - Texas Instruments TPS65160PWPR Datasheet HTML 7Page - Texas Instruments TPS65160PWPR Datasheet HTML 8Page - Texas Instruments TPS65160PWPR Datasheet HTML 9Page - Texas Instruments TPS65160PWPR Datasheet HTML 10Page - Texas Instruments TPS65160PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
VI = 12 V,
VO = 15 V,
L = 10 mH
IO − Output Current − A
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
−40 −20
0
20
40
60
80
100
120
140
TA − Temperature − 5C
VI = 8 V,
VI = 12 V,
VI = 14 V
TPS65160, TPS65160A
www.ti.com
SLVS566C – MARCH 2005 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS
Table 1. TABLE OF GRAPHS
FIGURE
MAIN BOOST CONVERTER (Vs)
η
Efficiency main boost converter Vs
vs Load current VS = 15 V,VIN = 12 V
1
rDS(ON)
N-channel main switch Q1
vs Input voltage and temperature
2
Soft-start boost converter
CSS = 22 nF
3
PWM operation at full-load current
4
PWM operation at light-load current
5
Load transient response
6
STEP-DOWN CONVERTER (Vlogic)
η
Efficiency main boost converter VS
vs Load current VLOGIC = 3.3 V,V = 12 V
7
INrDS(ON)
N-channel main switch Q1
8
PWM operation - continuous mode
9
PWM operation - discontinuous mode
10
Soft start
11
Load transient response
12
SYSTEM PERFORMANCE
fosc
Oscillation frequency
vs Input voltage and temperature
13
Power-up sequencing
EN2 connected to VIN
14
Power-up sequencing
EN2 enabled seperately
15
BOOST CONVERTER
BOOST CONVERTER EFFICIENCY
rDS(ON) - N-CHANNEL SWITCH
vs
vs
OUTPUT CURRENT
TEMPERATURE
Figure 1.
Figure 2.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65160 TPS65160A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com