Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9549 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9549
Description  Octal bus switch with individually I2C-bus controlled enables
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9549 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9549 Datasheet HTML 12Page - NXP Semiconductors PCA9549 Datasheet HTML 13Page - NXP Semiconductors PCA9549 Datasheet HTML 14Page - NXP Semiconductors PCA9549 Datasheet HTML 15Page - NXP Semiconductors PCA9549 Datasheet HTML 16Page - NXP Semiconductors PCA9549 Datasheet HTML 17Page - NXP Semiconductors PCA9549 Datasheet HTML 18Page - NXP Semiconductors PCA9549 Datasheet HTML 19Page - NXP Semiconductors PCA9549 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
PCA9549_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 July 2006
16 of 24
Philips Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
12. Test information
Fig 18. 2 channel 4-to-1 multiplexer or demultiplexer
RESET
SCL
SDA
002aac280
AA
AB
A
B
AC AD
BA
BB BC BD
CL = load capacitance includes jig and probe capacitance
RL = load resistance
RT = termination resistance; should be equal to Zo of pulse generator
Fig 19. Test circuit
PULSE
GENERATOR
VO
CL
50 pF
RL
002aac315
RT
VDD
DUT
2VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com