Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERFACEUNITS Datasheet(PDF) 2 Page - Weidmuller

Part # INTERFACEUNITS
Description  Weidmuller interface units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

INTERFACEUNITS Datasheet(HTML) 2 Page - Weidmuller

  INTERFACEUNITS Datasheet HTML 1Page - Weidmuller INTERFACEUNITS Datasheet HTML 2Page - Weidmuller INTERFACEUNITS Datasheet HTML 3Page - Weidmuller INTERFACEUNITS Datasheet HTML 4Page - Weidmuller INTERFACEUNITS Datasheet HTML 5Page - Weidmuller INTERFACEUNITS Datasheet HTML 6Page - Weidmuller INTERFACEUNITS Datasheet HTML 7Page - Weidmuller INTERFACEUNITS Datasheet HTML 8Page - Weidmuller INTERFACEUNITS Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Weidmuller interface units
Introduction
Given the need to reduce costs in electrical cabinet construction,
interface units offer an alternative to wiring concepts with
point-to-point wiring. The prime function of interface units is to
act as a trouble-free adapter element between standardized
plug connectors and point-to-point wiring or other connection
systems.
Interface units consist of the following individual components:
• Extruded profile for inserting the PCB
• End plates for fitting on the mounting rail
• Clip-on feet for locking on standardized mounting rails
TS 32 and TS 35
• PCB with connecting and indicating elements, DIN plug
connectors and ample marking facilities for equipment
identification
The plug connectors used for the interface units can be divided
into the following groups:
• Plug connector to IEC 603-1/DIN 41651
• Sub-miniature plug connectors (SUB-D) to IEC 807-2/
DIN 41652
• Plug connectors for PCBs to IEC 603/DIN 41612 and
DIN 41615
• ELCO plug connectors for hazardous area applications
Pre-assembled leads with the corresponding plug connector
systems are used as the connection between the series-
connected controller and the interface unit. This provides the
greatest savings for the user. The use of interface units reduces
the individual circuitry, which reduces labor and installation time
and also hidden costs, in particular a reduction material costs
following a reduction in the number of individual cables and
leads, cable ducts, terminals and terminal blocks required.
The transition to point-to-point wiring takes place directly at the
interface element.
Users have a choice between screw, tension clamp or spade
connections for connecting actuators and/or sensors. As an
option, interface units can also integrate additional functions
such as status indicator, signal disconnector, fuses or shielding.
Identification systems make it easier to trace the signals to the
corresponding element.
A
Advantages of the interface units:
• Two- and three-tier PCB terminals save space
• Conventional point-to-point wiring only needed on one side,
thus saving costs
• Greater safety, preventing wiring errors
• Optional: status LED on the interface units
• Rapid troubleshooting with additional test and measuring
devices
• Simplified setup and documentation
Interface units let users implement pioneering concepts in
switchboard design with potential for rationalization. Customized
wiring concepts can also be solved rationally through the use of
special interface units.
RSF interface units for pre-assembled leads with plug
connectors to IEC 603-1/DIN 41651
Passive interface for 10 … 64 signals for adapting pre-
assembled leads with plug connectors to IEC 603-1 /
DIN 41651 to screw or tension clamp connection systems.
When used in combination with a status indicator (LED),
this guarantees rapid information about the switching state
of incoming and outgoing signals.
A.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com