Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INTERFACEUNITS Datasheet(PDF) 3 Page - Weidmuller

Part # INTERFACEUNITS
Description  Weidmuller interface units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

INTERFACEUNITS Datasheet(HTML) 3 Page - Weidmuller

  INTERFACEUNITS Datasheet HTML 1Page - Weidmuller INTERFACEUNITS Datasheet HTML 2Page - Weidmuller INTERFACEUNITS Datasheet HTML 3Page - Weidmuller INTERFACEUNITS Datasheet HTML 4Page - Weidmuller INTERFACEUNITS Datasheet HTML 5Page - Weidmuller INTERFACEUNITS Datasheet HTML 6Page - Weidmuller INTERFACEUNITS Datasheet HTML 7Page - Weidmuller INTERFACEUNITS Datasheet HTML 8Page - Weidmuller INTERFACEUNITS Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Introduction
RSSD interface units for pre-assembled leads with
SUB-D plug connectors to IEC 807-2/DIN 41652
Passive interface unit for 9 … 50 signals for adapting pre-
assembled leads with SUB-D plug to IEC 807-2/DIN 41652
to screw or tension clamp connection systems.
The components are supplied with either female or male
connectors. A spacer block between plug connector and PCB
cushions the mechanical forces occurring between the
connected cables. RSSD interface units can be supplied with an
ground terminal for shielded leads as an optional feature.
An additional test point simplifies testing and measuring during
initial setup and when servicing the system.
RS VERT interface units as voltage distributor
Passive interface units for the distribution of dc supply voltage.
These interface units are available in three designs for distribution
to 8, 16 and 72 connections, for positive and negative
voltages in each case:
• 8x and 16x distributor just 45 mm wide overall, 72x distributor
100 mm wide
• Fed by two connection elements for positive and negative
voltages in each case
• Fits on TS32/35 mounting rails
RS VERT voltage distributors can also be used in small
enclosures and provide clearly organized distribution.
RS ELCO interface units for pre-assembled leads with
hermaphrodite plug connector system
Weidmuller’s passive interface units are used for adapting
hermaphrodite ELCO multi-pole connectors, for input and
output, to screw terminal systems. The hermaphrodite contact
is a fork-type contact that is identical in design on both sides of
the connection, but with one fork turned through 90° to engage
with the other.
RS RJ45 interface units for connecting data lines
The RS RJ45 interface module offers the user a convenient,
easy-to-use interface for connecting modems, notebooks and
other office equipment in the electrical cabinet.
The module converts the standard RJ45 connection to a screw
terminal system or acts as a coupling to connect data leads by
means of two RJ45 sockets. For data transmission rates of up
to 100 Mbps, it is advisable to connect one end of the shield of
the data cable to a protective ground. The interface modules can
be fitted on TS 32/35 mounting rails.
A
A.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com