Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8640 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 3 Page - Texas Instruments

  LMP8640 Datasheet HTML 1Page - Texas Instruments LMP8640 Datasheet HTML 2Page - Texas Instruments LMP8640 Datasheet HTML 3Page - Texas Instruments LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
6
5
4
1
2
3
VOUT
V
-
+IN
-IN
NC
V
+
LMP8640
LMP8640HV
LMP8640, LMP8640-Q1, LMP8640HV
www.ti.com
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
5 Device Comparison Table
MAX COMMON MODE
DEVICE NAME
GAIN
QUALIFICATIONS
VOLTAGE
LMP8640-T
x20
-2 V to +42 V
LMP8640-T
x20
-2 V to +42 V
LMP8640-Q1-T
x20
Automotive AEC-Q100, Grade 1
-2 V to +42 V
LMP8640-F
x50
-2 V to +42 V
LMP8640-H
x100
-2 V to +42 V
LMP8640HV-T
x20
-2 V to +76 V
LMP8640HV-F
x50
-2 V to +76 V
LMP8640HV-H
x100
-2 V to +76 V
6 Pin Configuration and Functions
6-Pin SOT-23
DDC0006A Package
(Top View)
Pin Functions
PIN
DESCRIPTION
NUMBER
NAME
1
VOUT
Output
2
V-
Negative Supply Voltage
3
+IN
Positive Input
4
-IN
Negative Input
5
NC
Not Internally Connected
6
V+
Positive Supply Voltage
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com