Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV542 Datasheet(PDF) 2 Page - Texas Instruments

Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV542 Datasheet(HTML) 2 Page - Texas Instruments

  LPV542 Datasheet HTML 1Page - Texas Instruments LPV542 Datasheet HTML 2Page - Texas Instruments LPV542 Datasheet HTML 3Page - Texas Instruments LPV542 Datasheet HTML 4Page - Texas Instruments LPV542 Datasheet HTML 5Page - Texas Instruments LPV542 Datasheet HTML 6Page - Texas Instruments LPV542 Datasheet HTML 7Page - Texas Instruments LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LPV542
SNOSCX9A – MARCH 2015 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 14
1
Features .................................................................. 1
8
Application and Implementation ........................ 16
2
Applications ........................................................... 1
8.1
Application Information............................................ 16
3
Description ............................................................. 1
8.2
Typical Application: 60 Hz Twin "T" Notch Filter..... 16
4
Revision History..................................................... 2
8.3
Do's and Don'ts ...................................................... 17
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 18
6
Specifications......................................................... 4
10
Layout................................................................... 18
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 18
6.2
ESD Ratings ............................................................ 4
10.2
Layout Example .................................................... 18
6.3
Recommended Operating Ratings............................ 4
11
Device and Documentation Support ................. 19
6.4
Thermal Information .................................................. 4
11.1
Device Support .................................................... 19
6.5
Electrical Characteristics 1.8 V ................................. 5
11.2
Documentation Support ....................................... 19
6.6
Electrical Characteristics 3.3 V ................................. 6
11.3
Community Resources.......................................... 19
6.7
Electrical Characteristics 5 V .................................... 7
11.4
Trademarks ........................................................... 19
6.8
Typical Characteristics .............................................. 8
11.5
Electrostatic Discharge Caution ............................ 19
7
Detailed Description ............................................ 14
11.6
Glossary ................................................................ 19
7.1
Overview ................................................................. 14
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 14
Information ........................................................... 19
7.3
Feature Description................................................. 14
4 Revision History
Changes from Original (March 2015) to Revision A
Page
•
Changed Front Page Bias Current to Typ ............................................................................................................................. 1
•
Changed PSRR condition to 1.8V in all tables ...................................................................................................................... 5
•
Changed PSRR Minimum in all tables .................................................................................................................................. 5
•
Changed CMVR Condition to 57dB in 1.8V Table ................................................................................................................. 5
•
Changed CMRR Min in all tables ........................................................................................................................................... 5
•
Deleted Removed Maximum Bias Current Spec in all tables................................................................................................. 5
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com