Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV542 Datasheet(PDF) 12 Page - Texas Instruments

Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV542 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments LPV542 Datasheet HTML 10Page - Texas Instruments LPV542 Datasheet HTML 11Page - Texas Instruments LPV542 Datasheet HTML 12Page - Texas Instruments LPV542 Datasheet HTML 13Page - Texas Instruments LPV542 Datasheet HTML 14Page - Texas Instruments LPV542 Datasheet HTML 15Page - Texas Instruments LPV542 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Time (100us/div)
IN
OUT
C003
Time (200us/div)
IN
OUT
C002
Time (100us/div)
IN
OUT
C001
Time (200us/div)
IN
OUT
C002
100m
1
10
100
1k
10k
100k
100
1k
10k
Frequency (Hz)
C001
VS = 5V
RL=100k
-50
-40
-30
-20
-10
0
10
20
30
40
50
-0.3
0.3
0.9
1.5
2.1
2.7
3.3
3.9
4.5
5.1
Common Mode Voltage (V)
C009
LPV542
SNOSCX9A – MARCH 2015 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
TA = 25 °C, VS = 5 V, VOUT = VCM = VS/2, RLOAD = 1 MΩ connected to VS/2, and CL = 20 pF, unless otherwise noted.
VS = 5 V
TA = 125°C
CL = 20 pF
VS = 5 V
RL = 100 kΩ
CL = 20 pF
Figure 25. Input Bias Current vs
Figure 26. Input Referred Voltage Noise
Common Mode Voltage at 5 V
VS = ±0.9 V
RL = 10 MΩ
CL = 20 pF
VS = ±0.9 V
RL = 10 MΩ
CL = 20 pF
G = +1
VIN = ±100 mV
G = +1
VIN = ±500mV
Figure 27. Pulse Response, 200mVpp at 1.8 V
Figure 28. Pulse Response, 1Vpp at 1.8V
VS = ±2.5 V
RL = 10 MΩ
CL = 20 pF
VS = ±2.5 V
RL = 10 MΩ
CL = 20 pF
G = +1
VIN = ±100 mV
G = +1
VIN = ±1V
Figure 29. Pulse Response, 200mVpp at 5V
Figure 30. Pulse Response, 2Vpp at 5V
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com