Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243CPWR.B Datasheet(PDF) 17 Page - Texas Instruments

Part # MAX3243CPWR.B
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button MAX3243CPWR.B Datasheet HTML 13Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 14Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 15Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 16Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 17Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 18Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 19Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 20Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
9 Device and Documentation Support
9.1 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.2 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.3 Trademarks
IBM™ and PC/AT™ are trademarks of IBM.
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.4 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
Changes from Revision P (October 2022) to Revision Q (August 2024)
Page
• Changed the Device Information table to Package Information table................................................................ 1
• Changed 16 PINS to 28 PINS in the Thermal Information table........................................................................ 5
Changes from Revision O (January 2015) to Revision P (October 2022)
Page
• Changed the Thermal Information table............................................................................................................. 5
• Changed the MAX value of ICC Supply current auto-powerdown disabled from 1 mA to 1.2 mA in Electrical
Characteristics—Auto Power Down .................................................................................................................. 5
Changes from Revision N (May 2009) to Revision O (January 2015)
Page
• Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information
table, Typical Characteristics, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section................... 1
• Deleted Ordering Information table.................................................................................................................... 1
www.ti.com
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com