Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243CPWR.B Datasheet(PDF) 11 Page - Texas Instruments

Part # MAX3243CPWR.B
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button MAX3243CPWR.B Datasheet HTML 7Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 8Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 9Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 10Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 11Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 12Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 13Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 14Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
7.3 Feature Description
7.3.1 Auto-Power-Down
Auto-Power-Down can be used to automatically save power when the receivers are unconnected or connected
to a powered down remote RS232 port. FORCEON being high will override Auto power down and the drivers will
be active. FORCEOFF being low will override FORCEON and will power down all outputs except for ROUT2B
and INVALID.
7.3.2 Charge Pump
The charge pump increases, inverts, and regulates voltage at V+ and V– pins and requires four external
capacitors.
7.3.3 RS232 Driver
Three drivers interface standard logic level to RS232 levels. All DIN inputs must be valid high or low.
7.3.4 RS232 Receiver
Five receivers interface RS232 levels to standard logic levels. An open input will result in a high output on ROUT.
Each RIN input includes an internal standard RS232 load.
7.3.5 ROUT2B Receiver
ROUT2B is an always-active noninverting output of RIN2 input, which allows applications using the ring indicator
to transmit data while the device is powered down.
7.3.6 Invalid Input Detection
The INVALID output goes active low when all RIN inputs are unpowered. The INVALID output goes inactive high
when any RIN input is connected to an active RS232 voltage level.
www.ti.com
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com