Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243CPWR.A Datasheet(PDF) 3 Page - Texas Instruments

Part # MAX3243CPWR.A
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.A Datasheet(HTML) 3 Page - Texas Instruments

  MAX3243CPWR.A Datasheet HTML 1Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 2Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 3Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 4Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 5Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 6Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 7Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 8Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
4 Pin Configuration and Functions
1
C2+
28
C1+
2
C2–
27
V+
3
V–
26
VCC 
4
RIN1:RIN5
25
GND
5
RIN1:RIN5
24
C1–
6
RIN1:RIN5
23
FORCEON
7
RIN1:RIN5
22
FORCEOFF
8
RIN1:RIN5
21
INVALID
9
DOUT1:DOUT3
20
ROUT2B
10
DOUT1:DOUT3
19
ROUT5:ROUT1
11
DOUT1:DOUT3
18
ROUT5:ROUT1
12
DIN3:DIN1
17
ROUT5:ROUT1
13
DIN3:DIN1
16
ROUT5:ROUT1
14
DIN3:DIN1
15
ROUT5:ROUT1
Not to scale
Figure 4-1. DB, DW, or PW Package
(Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
C2+
1
—
Positive lead of C2 capacitor
C2–
2
—
Negative lead of C2 capacitor
V–
3
O
Negative charge pump output for storage capacitor only
RIN1:RIN5
4, 5, 6, 7, 8
I
RS232 line data input (from remote RS232 system)
DOUT1:DOUT3
9, 10, 11
O
RS232 line data output (to remote RS232 system)
DIN3:DIN1
12, 13, 14
I
Logic data input (from UART)
ROUT5:ROUT1
15, 16, 17, 18, 19
O
Logic data output (to UART)
ROUT2B
20
O
Always Active non-inverting output for RIN2 (normally used for ring
indicator)
INVALID
21
O
Active low output when all RIN are unpowered
FORCEOFF
22
I
Low input forces DOUT1-5, ROUT1-5 high Z per Section 7.4
FORCEON
23
I
High forces drivers on. Low is automatic mode per Section 7.4
C1–
24
—
Negative lead on C1 capacitor
GND
25
—
Ground
VCC
26
—
Supply Voltage, Connect to 3V to 5.5V power supply
V+
27
O
Positive charge pump output for storage capacitor only
C1+
28
—
Positive lead of C1 capacitor
www.ti.com
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com