Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243CPWR.A Datasheet(PDF) 5 Page - Texas Instruments

Part # MAX3243CPWR.A
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.A Datasheet(HTML) 5 Page - Texas Instruments

  MAX3243CPWR.A Datasheet HTML 1Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 2Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 3Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 4Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 5Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 6Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 7Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 8Page - Texas Instruments MAX3243CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
DB
DW
PW
UNIT
28 PINS
28 PINS
28 PINS
RθJA
Junction-to-ambient thermal resistance
76.1
59.0
70.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.8
28.8
21.0
°C/W
RθJB
Junction-to-board thermal resistance
37.4
30.3
29.2
°C/W
ψJT
Junction-to-top characterization parameter
7.4
7.8
1.3
°C/W
ψJB
Junction-to-board characterization parameter
37.0
30.0
28.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
5.5 Electrical Characteristics –– Auto Power Down
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1) (see Figure 8-1)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
ICC
Supply current
Auto-powerdown
disabled
No load, FORCEOFF and FORCEON at VCC. TA = 25°C
For DB and PW package
0.3
1.2
mA
Supply current
Auto-powerdown
disabled
No load, FORCEOFF and FORCEON at VCC. TA = 25°C
For DW package
0.3
1
mA
Supply current
Powered off
No load, FORCEOFF at GND. TA = 25°C
1
10
μA
Supply current
Auto-powerdown
enabled
No load, FORCEOFF at VCC, FORCEON at GND,
All RIN are open or grounded, All DIN are grounded. TA =
25°C
1
10
II
Input leakage current
of FORCEOFF, FORCEON
VI = VCC or VI at GND
±0.01
±1
μA
VIT+
Receiver input threshold
for INVALID high-level output
voltage
FORCEON = GND,
FORCEOFF = VCC
2.7
V
VIT–
Receiver input threshold
for INVALID high-level output
voltage
FORCEON = GND,
FORCEOFF = VCC
–2.7
V
VT
Receiver input threshold
for INVALID low-level output
voltage
FORCEON = GND,
FORCEOFF = VCC
–0.3
0.3
V
VOH
INVALID high-level output
voltage
IOH = -1 mA, FORCEON = GND,
FORCEOFF = VCC
VCC – 0.6
V
VOL INVALID low-level output voltage
IOL = 1.6 mA, FORCEON = GND,
FORCEOFF = VCC
0.4
V
(1)
Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
www.ti.com
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com