Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP44019 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP44019
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP44019 Datasheet HTML 16Page - Monolithic Power Systems MP44019 Datasheet HTML 17Page - Monolithic Power Systems MP44019 Datasheet HTML 18Page - Monolithic Power Systems MP44019 Datasheet HTML 19Page - Monolithic Power Systems MP44019 Datasheet HTML 20Page - Monolithic Power Systems MP44019 Datasheet HTML 21Page - Monolithic Power Systems MP44019 Datasheet HTML 22Page - Monolithic Power Systems MP44019 Datasheet HTML 23Page - Monolithic Power Systems MP44019 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
20
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Design Requirements
Table 1 lists recommended design requirements.
Table 1: Recommended Designs
Parameter
Symbol
Value
Input AC RMS voltage
VAC
85VAC to
265VAC
Input AC voltage
frequency
fLINE
47Hz to
63Hz
Output voltage
VOUT
400V
Output voltage ripple
VO_RIPPLE
≤3% VOUT
Output voltage OVP
threshold
∆OVP
40V
Output power
POUT
240W
Efficiency
η
≥93%
Power Stage Design
Selecting the Bridge
The diode bridge should withstand the maximum
reverse input AC voltage and the maximum input
current. When selecting a diode bridge, consider
the maximum instantaneous voltage (the peak
voltage of the line voltage) and the maximum
input RMS current (the input RMS current at low-
line). In addition, the package size and thermal
performance should also be considered. To
handle the line frequency current, use a standard,
low-cost diode bridge with a slow recovery.
In this case, the maximum input RMS current
can be calculated with Equation (15):

OUT
AC_MAX
MIN
AC_MIN
P
I
=
= 3.04(A)
V
(15)
The maximum instantaneous voltage can be
estimated with Equation (16):
IN_MAX
AC_MAX
V
=
2 V
= 375(V)
(16)
A standard 600V/8A bridge can be selected to
provide enough margin.
Selecting the Input Capacitor
The input capacitor that is placed before the
boost inductor provides a bypass path for the
high switching frequency current and minimizes
fluctuation on the rectified sinusoidal input
voltage. In general, a voltage drop up to 10% on
the input capacitor may be expected. The worst-
case condition occurs when the input voltage is
below its minimum threshold voltage due to a
large current ripple.
The input capacitor (CIN) can be calculated with
Equation (17):
AC_MAX
IN
SW
AC_MIN
I
C
=
2
f
r
V
 
 
(17)
Where r is the coefficient (0.01 to 0.1), and fSW is
the switching frequency at the peak of the
minimum input AC voltage.
Select a capacitor with good high-frequency
performance, such as a film capacitor. For
example, assume a minimum fSW (e.g. 40kHz)
and set r to be 0.05. Then the input capacitance
can be calculated with Equation (18):
AC_MAX
IN
SW
AC_MIN
I
C
=
= 2.85 F
2
f
r
V

 
(18)
Two 1μF film capacitors with a 450V voltage
rating are recommended to act as the input
capacitors because they provide high-frequency
energy during the switching cycle.
Boost Inductor Design
The boost inductance value (LMAX), which is
required to ensure that the maximum load can
be delivered from the minimum input voltage,
can be estimated with Equation (19):
 
2
AC_MIN
ON_MAX
MAX
OUT
Vt
L
=
2P
(19)
The boost inductance value should be below
LMAX. A normal inductance is recommended to
use a 60% to 70% ratio for LMAX to avoid tON being
close to tON_MAX.
If the ratio is selected to be 60%, the actual
inductance can be calculated with Equation (20):
 
2
AC_MIN
ON_MAX
ACTUAL
OUT
V
t
Ratio
L
=
= 182 H
2P
(20)
The boost inductance value should exceed LMIN.
To avoiding triggering over-current protection
(OCP) when triggering the over-current limit
(OCL), there is a delay time (tCS_DELAY) of 100ns,
as well as a MOSFET turn-off delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com