Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP44019 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP44019
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP44019 Datasheet HTML 10Page - Monolithic Power Systems MP44019 Datasheet HTML 11Page - Monolithic Power Systems MP44019 Datasheet HTML 12Page - Monolithic Power Systems MP44019 Datasheet HTML 13Page - Monolithic Power Systems MP44019 Datasheet HTML 14Page - Monolithic Power Systems MP44019 Datasheet HTML 15Page - Monolithic Power Systems MP44019 Datasheet HTML 16Page - Monolithic Power Systems MP44019 Datasheet HTML 17Page - Monolithic Power Systems MP44019 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
14
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
FB
COMP
UVLO
10.7V/8.6V
GATE
VCC
GND
Blanking
22µs
R
S
Q
0.75V
0.25V
UVP
PWM
tON_MAX
GM
COM
MAINSIN
ZCD
LEB
LEB Time
300ns
0.5V
+
-
OCL
PWM
SOFF
Q
SOFF
2.7V/2.6V
OVP
+
-
+
-
0.36V/0.4V
+
-
+
-
R
S Q
TCD
TCD
kVAC
2
RAMP Circuit
THD
Improver
THD_DIS
60mV/
120mV
Burst
0.75V
+
-
OCP
LEB Time
250ns
OCL
OCP
OVP
BURST
STOP
UVP
+
-
STOP
TSD
FAULT
FAULT
FAULT
OTP
ZCD/CS
VAC_PK
2
x
kVAC
2
Peak
Holder
+
-
2.35V/2.05V
UVLO
PFOK
STOP
PFOK
2R
R
0.8V
+
-
50ms
BI/BO
1V/0.9V
R
S Q
PWM
OCP
Restart =
180µs
Consecutive
Count = 3
+
-
2nd OVP
2.5V
PWM
OCP
Timer =
80ms
UVLO
Blank
55µs
BIBO
OCP
DT
COMP
Blanking
22µs
2.7V/2.6V
OVP2
+
-
OVP2
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com