Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6563 Datasheet HTML 11Page - STMicroelectronics L6563 Datasheet HTML 12Page - STMicroelectronics L6563 Datasheet HTML 13Page - STMicroelectronics L6563 Datasheet HTML 14Page - STMicroelectronics L6563 Datasheet HTML 15Page - STMicroelectronics L6563 Datasheet HTML 16Page - STMicroelectronics L6563 Datasheet HTML 17Page - STMicroelectronics L6563 Datasheet HTML 18Page - STMicroelectronics L6563 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
L6563 - L6563A
Typical electrical performance
15/39
Figure 28. PFC_OK thresholds vs TJ
Figure 29. UVLO saturation vs TJ
Figure 30. Start-up timer vs TJ
Figure 31. Gate-drive output low saturation
Figure 32. Gate-drive clamp vs TJ
Figure 33. Gate-drive output high saturation
Tj (°C)
Vpin7
(V)
-50
0
50
100
150
0.1
0.2
0.3
0.5
1.0
2.0
3.0
Vcc = 12 V
ON
OFF
Latch-off
Tj (°C)
Vpin7
(V)
-50
0
50
100
150
0.1
0.2
0.3
0.5
1.0
2.0
3.0
Vcc = 12 V
ON
OFF
Latch-off
Tj (°C)
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1
1.1
Vcc = 0 V
Vpin15
(V)
Tj (°C)
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1
1.1
Vcc = 0 V
Vpin15
(V)
Tj (°C)
Tstart
(µs)
-50
0
50
100
150
100
110
120
130
140
150
Vcc = 12 V
Tj (°C)
Tstart
(µs)
-50
0
50
100
150
100
110
120
130
140
150
Vcc = 12 V
Vpin15 (V)
0
200
400
600
800
1,000
0
1
2
3
4
IGD(mA)
Tj = 25 °C
Vcc = 11 V
SINK
Vpin15 (V)
0
200
400
600
800
1,000
0
1
2
3
4
IGD(mA)
Tj = 25 °C
Vcc = 11 V
SINK
Tj (°C)
Vpin15clamp
(V)
-50
0
50
100
150
10
10.5
11
11.5
12
Vcc = 20 V
Tj (°C)
Vpin15clamp
(V)
-50
0
50
100
150
10
10.5
11
11.5
12
Vcc = 20 V
0
100
200
300
400
500
600
700
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
IGD (mA)
Tj = 25 °C
Vcc = 11 V
SOURCE
Vcc - 2.0
Vcc - 2.5
Vcc - 3.0
Vcc - 3.5
Vcc - 4.0
Vpin15 (V)
0
100
200
300
400
500
600
700
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
IGD (mA)
Tj = 25 °C
Vcc = 11 V
SOURCE
Vcc - 2.0
Vcc - 2.5
Vcc - 3.0
Vcc - 3.5
Vcc - 4.0
Vpin15 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com