Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6563 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6563 Datasheet HTML 20Page - STMicroelectronics L6563 Datasheet HTML 21Page - STMicroelectronics L6563 Datasheet HTML 22Page - STMicroelectronics L6563 Datasheet HTML 23Page - STMicroelectronics L6563 Datasheet HTML 24Page - STMicroelectronics L6563 Datasheet HTML 25Page - STMicroelectronics L6563 Datasheet HTML 26Page - STMicroelectronics L6563 Datasheet HTML 27Page - STMicroelectronics L6563 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Application information
L6563 - L6563A
24/39
to set the output voltage at the desired values use the following design procedure:
1.
Determine the input RMS voltage Vinclamp that produces Vo = Vox:
Equation 6
and choose a value Vinx such that Vin2 = Vinx < Vinclamp. This will result in a limitation of the
output voltage range below Vox (it will equal Vox if one chooses Vinx = Vinclamp)
2.
Determine the divider ratio of the MULT pin (pin 3) bias:
Equation 7
and check that at minimum mains voltage Vin1 the peak voltage on pin 3 is greater than
0.65V.
3.
Determine R1, the upper resistor of the output divider:
Equation 8
4.
Calculate the lower resistor R2 of the output divider and the adjustment resistor RT:
Equation 9
Vin
clamp
Vox
Vo
1
–
Vo
2
Vo
1
–
--------------------------- Vin
2
Vox
Vo
2
–
Vo
2
Vo
1
–
--------------------------- Vin
1
⋅
–
⋅
=
k
3
2Vin
x
⋅
-----------------------
=
R1
Vo
∆
20
----------- 10
6
⋅
=
R2
2.5 R1
Vin
2
Vin
1
–
Vo
1
2.5
–
() Vin
2
Vo
2
2.5
–
() Vin
1
⋅
–
⋅
--------------------------------------------------------------------------------------------------
⋅
⋅
=
R
T
2kR1
Vin
2
Vin
1
–
Vo
2
Vo
1
–
------------------------------
⋅⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com