Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA694IDBVT Datasheet HTML 3Page - Texas Instruments OPA694IDBVT Datasheet HTML 4Page - Texas Instruments OPA694IDBVT Datasheet HTML 5Page - Texas Instruments OPA694IDBVT Datasheet HTML 6Page - Texas Instruments OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments OPA694IDBVT Datasheet HTML 10Page - Texas Instruments OPA694IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
10
100
1k
10k
100k
1M
10M
100M
Frequency(Hz)
NoninvertingCurrentNoise(24pA/
)
ÖHz
InvertingCurrentNoise(22pA/
)
ÖHz
VoltageNoise(2.1nV/
)
ÖHz
1k
100
10
1
50
0
10
20
30
40
60
70
80
90
100
Frequency(MHz)
50W
OPA694
50W
50W
P
I
P
O
402W
402W
55
50
45
40
35
30
25
20
10
100
CapacitiveLoad(pF)
0dBPeakingTargeted
60
50
40
30
20
10
0
1M
1G
100M
10M
Frequency(Hz)
R
S
50W
OPA694
C
L
V
I
V
O
402W
402W
1kW
(1)
NOTE:(1)1k
loadisoptional
W
C =100pF
L
C =47pF
L
C =10pF
L
C =22pF
L
3
0
3
6
9
12
15
18
-
-
-
-
-
-
100
1G
100M
1M
10k
1k
100k
10M
Frequency(Hz)
<ZOL
120
110
100
90
80
70
60
50
40
30
0
30
60
90
120
150
180
210
-
-
-
-
-
-
-
20log|Z |
OL
100
100M
1M
10k
1k
100k
10M
Frequency(Hz)
70
60
50
40
30
20
10
0
CMRR
+PSRR
-PSRR
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
TWO
−TONE, THIRD−ORDER
INPUT VOLTAGE AND CURRENT NOISE
INTERMODULATION INTERCEPT
Figure 13.
Figure 14.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 15.
Figure 16.
COMMON
−MODE REJECTION RATIO AND
POWER
−SUPPLY REJECTION RATIO vs FREQUENCY
OPEN
−LOOP ZOL GAIN AND PHASE
Figure 17.
Figure 18.
Copyright © 2004–2010, Texas Instruments Incorporated
7
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com