Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA694IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA694IDBVT Datasheet HTML 5Page - Texas Instruments OPA694IDBVT Datasheet HTML 6Page - Texas Instruments OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments OPA694IDBVT Datasheet HTML 10Page - Texas Instruments OPA694IDBVT Datasheet HTML 11Page - Texas Instruments OPA694IDBVT Datasheet HTML 12Page - Texas Instruments OPA694IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
250
0
50
100
150 200
300
350
400 450
500
Frequency(MHz)
V
O
PP
=2V
R
W
L =400
G =1
D
R
W
F =430
G =2
D
R
W
F =402
G =5
D
R
W
F =330
G =10
D
R
W
F =250
3
0
3
6
9
12
-
-
-
-
R
G
R
G
R
F
+5V
R
L
400W
V
O
V
I
=
=
V
O
V
I
R
T
R
F
OPA694
OPA694
-5V
R
F
G
D
R
G
10
100
1000
Resistance( )
W
V
O
PP
=4V
f=5MHz
G
D =2
3rdHarmonic
2ndHarmonic
-60
65
70
75
80
85
90
-
-
-
-
-
-
250
0
50
100
150 200
300
350
400 450
500
Frequency(MHz)
G
D =2
R
W
L =400
V
O
PP
=12V
V
O
PP
=5V
V
O
PP
=16V
V
O
PP
=8V
9
6
3
0
3
6
-
-
1
10
20
Frequency(MHz)
G =2
D
V
O
PP
=4V
R
W
L =400
3rdHarmonic
2ndHarmonic
-
-
-
-
-
-
55
65
75
85
95
105
0.1
100
10
1
OutputVoltageSwing(V )
PP
G =2
D
f=5MHz
R
W
L =400
3rdHarmonic
2ndHarmonic
-
-
-
-
-
-
-
65
70
75
80
85
90
95
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
DIFFERENTIAL PERFORMANCE TEST CIRCUIT
DIFFERENTIAL SMALL
−SIGNAL FREQUENCY RESPONSE
Figure 25.
Figure 26.
DIFFERENTIAL LARGE
−SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Figure 27.
Figure 28.
DIFFERENTIAL DISTORTION vs FREQUENCY
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 29.
Figure 30.
Copyright © 2004–2010, Texas Instruments Incorporated
9
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com