Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2704DB Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DB Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 16Page - Texas Instruments PCM2704DB Datasheet HTML 17Page - Texas Instruments PCM2704DB Datasheet HTML 18Page - Texas Instruments PCM2704DB Datasheet HTML 19Page - Texas Instruments PCM2704DB Datasheet HTML 20Page - Texas Instruments PCM2704DB Datasheet HTML 21Page - Texas Instruments PCM2704DB Datasheet HTML 22Page - Texas Instruments PCM2704DB Datasheet HTML 23Page - Texas Instruments PCM2704DB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
t(BCH)
DOUT (Output)
t(BCL)
t(BL)
t(BCY)
50% of VDD
50% of VDD
50% of VDD
LRCK (Output)
BCK (Output)
DIN (Input)
t(DH)
t(DS)
50% of VDD
t(BD)
t(LD)
T0010-05
SYSCK
(Output)
LRCK
(Output)
BCK
(Output)
t
(SLL)
t
(SBH)
t
(SBL)
t
(SLH)
T0196-01
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
300
ns
t(BCH)
BCK pulse duration, HIGH
100
ns
t(BCL)
BCK pulse duration, LOW
100
ns
t(BL)
LRCK delay time from BCK falling edge
–20
40
ns
t(BD)
DOUT delay time from BCK falling edge
–20
40
ns
t(LD)
DOUT delay time from LRCK edge
–20
40
ns
t(DS)
DIN setup time
20
ns
t(DH)
DIN hold time
20
ns
NOTE: Load capacitance of LRCK, BCK, and DOUT is 20 pF.
Figure 23. Audio Interface Timing
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(SLL), t(SLH)
LRCK delay time from SYSCK rising edge
–5
10
ns
t(SBL), t(SBH)
BCK delay time from SYSCK rising edge
–5
10
ns
NOTE: Load capacitance is 20 pF.
Figure 24. Audio Clock Timing
20
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com