Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2704DB Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DB Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 24Page - Texas Instruments PCM2704DB Datasheet HTML 25Page - Texas Instruments PCM2704DB Datasheet HTML 26Page - Texas Instruments PCM2704DB Datasheet HTML 27Page - Texas Instruments PCM2704DB Datasheet HTML 28Page - Texas Instruments PCM2704DB Datasheet HTML 29Page - Texas Instruments PCM2704DB Datasheet HTML 30Page - Texas Instruments PCM2704DB Datasheet HTML 31Page - Texas Instruments PCM2704DB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Typical Circuit Connection 1 (Example of USB Speaker)
TEST0
XTO
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
PCM2704DB
CK
DT
PSEL
(2)
DOUT
DGND
VDD
D–
D+
VBUS
SSPND
HOST
(2)
XTI
TEST1
HID2/MD
PGND
VCCP
(3)
HID0/MS
HID1/MC
ExternalROM
(3)
(Optional)
SCL
11
12
13
14
ZGND
AGNDL
VCCL
VOUT L
(1)
18
17
16
15
AGNDR
VCCR
VOUTR
(1)
VCOM
R9
C4
D–
D+
GND
R1
C2
X1
C1
SDA
S/PDIFOUT
C7
R2
USB ’B’
Connector
VBUS
C3
R3
R4
C6
SUSPEND
C5
+
C8
+
C9
+
C10
C11
R5
C12
R6 R7
R8
TPA200X
Power
Amp
VOLUME–
VOLUME+
MUTE
C13
+
C14
+
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
Figure 32 illustrates a typical circuit connection for an internal-descriptor, bus-powered, 500-mA application.
NOTE: X1: 12-MHz crystal resonator. C1, C2: 10-pF to 33-pF capacitor (depending on load capacitance of crystal resonator). C3-C7: 1-µF
ceramic capacitor. C8: 10-µF electrolytic capacitor. C9, C10: 100-µF electrolytic capacitor (depending on tradeoff between required frequency
response and discharge time for resume). C11, C12: 0.022-µF ceramic capacitor. C13, C14: 1-µF electrolytic capacitor. R1: 1 MΩ resistor. R2,
R9: 1.5 kΩ resistors. R3, R4: 22 Ω resistors. R5, R6: 16 Ω resistors. R7, R8: 330 Ω resistors (depending on tradeoff between required THD
performance and pop-noise level for suspend).
(1) Output impedance of VOUTL and VOUTR during suspend mode or lack of power supply is 26 kΩ ±20%, which is the discharge path for C9
and C10.
(2) Descriptor programming through external ROM is only available when PSEL and HOST are high.
(3) External ROM power can be supplied from VCCP, but any other active component must not use VCCP, VCCL, VCCR, or VDD as a power
source.
Figure 32. Bus-Powered Application
NOTE:
The circuit illustrated in Figure 32 is for information only. The entire board design
should be considered to meet the USB specification as a USB-compliant product.
28
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com