Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPW Datasheet(PDF) 46 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 46 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 42Page - Texas Instruments RF430CL331HIPW Datasheet HTML 43Page - Texas Instruments RF430CL331HIPW Datasheet HTML 44Page - Texas Instruments RF430CL331HIPW Datasheet HTML 45Page - Texas Instruments RF430CL331HIPW Datasheet HTML 46Page - Texas Instruments RF430CL331HIPW Datasheet HTML 47Page - Texas Instruments RF430CL331HIPW Datasheet HTML 48Page - Texas Instruments RF430CL331HIPW Datasheet HTML 49Page - Texas Instruments RF430CL331HIPW Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5.11.11 Buffer Start Register
This register is written after a Read Binary command by the host controller indicating the index in buffer
memory where the data started to be written. On an Update Binary command, this register indicates
where the RF430CL331H has started to write the packet in its buffer memory.
Table 5-37. Buffer Start Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFE5
Buffer Start MSB
ADDRESS
7
6
5
4
3
2
1
0
0xFFE4
Buffer Start LSB
Table 5-38. Buffer Start Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-8
Buffer Start MSB
R/W
0
Buffer start most significant byte.
7-0
Buffer Start LSB
R/W
0
Buffer start least significant byte.
5.11.12 SWTX Register
When a PCD issues a command, there is a time-out that is negotiated (FWI in the SENSB_RES/ATQB
command). The RF430CL331H has this amount of time to respond to the PCD command. If this time-out
cannot be met by RF430CL331H, the NFC protocol allows a sending a S(WTX) request (refer to Section
13.2.2 of the NFC Digital Protocol). This allows the time-out to be restarted after the PCD S(WTX)
response.
When the internal state machine determines that a wait time extension is necessary, it uses this register
value to populate the INF field of the S(WTX) request (refer to Table 84 of the NFC Digital Protocol). This
custom setting response allows flexibility in negotiating this wait time extension.
Table 5-39. SWTX Register
ADDRESS
15
14
13
12
11
10
9
8
0xFFDF
Reserved
ADDRESS
7
6
5
4
3
2
1
0
0xFFDE
SWTX Request
Table 5-40. SWTX Register Description
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-8
Reserved
R/W
0
Reserved for future use. Write with 0.
7-0
SWTX Request
R/W
1
S(WTX) request byte.
46
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com