Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL331HIPW Datasheet(PDF) 9 Page - Texas Instruments

Part # RF430CL331HIPW
Description  RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RF430CL331HIPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button RF430CL331HIPW Datasheet HTML 5Page - Texas Instruments RF430CL331HIPW Datasheet HTML 6Page - Texas Instruments RF430CL331HIPW Datasheet HTML 7Page - Texas Instruments RF430CL331HIPW Datasheet HTML 8Page - Texas Instruments RF430CL331HIPW Datasheet HTML 9Page - Texas Instruments RF430CL331HIPW Datasheet HTML 10Page - Texas Instruments RF430CL331HIPW Datasheet HTML 11Page - Texas Instruments RF430CL331HIPW Datasheet HTML 12Page - Texas Instruments RF430CL331HIPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
4.8
Thermal Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
VALUE
UNIT
R
θJA
Junction-to-ambient thermal resistance, still air(1)
116.0
°C/W
R
θJC(TOP)
Junction-to-case (top) thermal resistance(2)
45.1
°C/W
R
θJB
Junction-to-board thermal resistance(3)
TSSOP-14 (PW)
57.6
°C/W
ΨJB
Junction-to-board thermal characterization parameter
57.0
°C/W
ΨJT
Junction-to-top thermal characterization parameter
4.6
°C/W
R
θJA
Junction-to-ambient thermal resistance, still air(1)
48.8
°C/W
R
θJC(TOP)
Junction-to-case (top) thermal resistance(2)
60.8
°C/W
R
θJC(BOT)
Junction-to-case (bottom) thermal resistance(4)
7.1
°C/W
VQFN-16 (RGT)
R
θJB
Junction-to-board thermal resistance(3)
21.9
°C/W
ΨJB
Junction-to-board thermal characterization parameter
21.9
°C/W
ΨJT
Junction-to-top thermal characterization parameter
1.5
°C/W
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright © 2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com