Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63CE22BS Datasheet(PDF) 1 Page - Linear Technology

Part # 63CE22BS
Description  60V, 4A DC/DC µModule® Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

63CE22BS Datasheet(HTML) 1 Page - Linear Technology

  63CE22BS Datasheet HTML 1Page - Linear Technology 63CE22BS Datasheet HTML 2Page - Linear Technology 63CE22BS Datasheet HTML 3Page - Linear Technology 63CE22BS Datasheet HTML 4Page - Linear Technology 63CE22BS Datasheet HTML 5Page - Linear Technology 63CE22BS Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1307bf
DEMO MANUAL DC1307B
Description
LTM8027:
60V, 4A DC/DC
µModule® Regulator
Demonstration circuit 1307B features the LTM®8027
configured to deliver 12V from a 16V to 60V input. The
wide input range of the LTM8027 allows a variety of input
sources such as automotive batteries, wall adaptors and
industrial supplies. The LTM8027 is a step down converter,
so a minimum amount of headroom is required to keep
the output in regulation. A soft-start feature controls the
outputvoltageslewrateatstart-up,reducingcurrentsurges
andvoltageovershoots.Thecurrentmodecontrolscheme
creates fast transient response and good loop stability.
perForMAnce sUMMArY (T
A = 25°C)
The LTM8027 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this manual before
working on or modifying demo circuit 1307B.
Design files for this circuit board are available at
http://www.linear.com/demo
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
PARAMETER
VALUE
Input Voltage Range
16V to 60V
Output Voltage VOUT
12V ±3%
Maximum Output Current
4A
Typical Switching Frequency
300kHz
DeMo BoArD photo


Similar Part No. - 63CE22BS

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
63CNQ SMC-63CNQ Datasheet
237Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
63CNQ SMCDIODE-63CNQ Datasheet
405Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
logo
International Rectifier
63CNQ080 IRF-63CNQ080 Datasheet
56Kb / 4P
SCHOTTKY RECTIFIER
logo
Microsemi Corporation
63CNQ080 MICROSEMI-63CNQ080 Datasheet
120Kb / 2P
Schottky MiniMod
logo
Sangdest Microelectroni...
63CNQ080 SMC-63CNQ080 Datasheet
237Kb / 5P
SCHOTTKY RECTIFIER
More results

Similar Description - 63CE22BS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
60V, 4A DC/DC Module Regulator
logo
Maxim Integrated Produc...
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Linear Technology
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
Dual, 26VIN, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
60V, 4A DC/DC Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com