Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63CE22BS Datasheet(PDF) 3 Page - Linear Technology

Part # 63CE22BS
Description  60V, 4A DC/DC µModule® Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

63CE22BS Datasheet(HTML) 3 Page - Linear Technology

  63CE22BS Datasheet HTML 1Page - Linear Technology 63CE22BS Datasheet HTML 2Page - Linear Technology 63CE22BS Datasheet HTML 3Page - Linear Technology 63CE22BS Datasheet HTML 4Page - Linear Technology 63CE22BS Datasheet HTML 5Page - Linear Technology 63CE22BS Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc1307bf
DEMO MANUAL DC1307B
qUick stArt proceDUre
Figure 2. DC1307B Output Noise Spectrum (VIN = 24V, VOUT = 12V, IOUT = 4A)
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com