Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7250LE Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7250LE
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250LE Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7250LE Datasheet HTML 2Page - Infineon Technologies AG TLE7250LE Datasheet HTML 3Page - Infineon Technologies AG TLE7250LE Datasheet HTML 4Page - Infineon Technologies AG TLE7250LE Datasheet HTML 5Page - Infineon Technologies AG TLE7250LE Datasheet HTML 6Page - Infineon Technologies AG TLE7250LE Datasheet HTML 7Page - Infineon Technologies AG TLE7250LE Datasheet HTML 8Page - Infineon Technologies AG TLE7250LE Datasheet HTML 9Page - Infineon Technologies AG TLE7250LE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TLE7250LE
TLE7250SJ
Pin Configuration
Data Sheet
6
Rev. 1.0, 2015-08-12
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin configuration
3.2
Pin Definitions
Table 1
Pin definitions and functions
Pin No.
Symbol
Function
1TxD
Transmit Data Input;
internal pull-up to
V
CC, “low” for “dominant” state.
2GND
Ground
3
V
CC
Transmitter Supply Voltage;
100 nF decoupling capacitor to GND required.
4RxD
Receive Data Output;
“low” in “dominant” state.
5NRM
Not Receive-Only Mode Input;
control input for selecting receive-only mode,
internal pull-up to
V
CC, “low” for receive-only mode.
6CANL
CAN Bus Low Level I/O;
“low” in “dominant” state.
7CANH
CAN Bus High Level I/O;
“high” in “dominant” state.
TxD
NEN
NRM
1
2
3
4
8
7
6
5
GND
VCC
RxD
CANH
CANL
1
2
3
4
8
7
6
5
TxD
GND
VCC
RxD
NEN
NRM
CANH
CANL
(Top-side x-ray view)
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com