Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7250LE Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7250LE
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250LE Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7250LE Datasheet HTML 13Page - Infineon Technologies AG TLE7250LE Datasheet HTML 14Page - Infineon Technologies AG TLE7250LE Datasheet HTML 15Page - Infineon Technologies AG TLE7250LE Datasheet HTML 16Page - Infineon Technologies AG TLE7250LE Datasheet HTML 17Page - Infineon Technologies AG TLE7250LE Datasheet HTML 18Page - Infineon Technologies AG TLE7250LE Datasheet HTML 19Page - Infineon Technologies AG TLE7250LE Datasheet HTML 20Page - Infineon Technologies AG TLE7250LE Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
TLE7250LE
TLE7250SJ
General Product Characteristics
Data Sheet
17
Rev. 1.0, 2015-08-12
6.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
6.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information,
please visit www.jedec.org.
Table 4
Functional range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Supply Voltages
Transmitter supply voltage
V
CC
4.5
–
5.5
V
–
P_6.2.1
Thermal Parameters
Junction temperature
T
j
-40
–
150
°C
1)
1) Not subject to production test, specified by design.
P_6.2.2
Table 5
Thermal resistance1)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Thermal Resistances
Junction to Ambient PG-TSON-8
R
thJA
–55
–
K/W
2) TLE7250LE
2) Specified
R
thJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board. The product (TLE7250)
was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
P_6.3.1
Junction to Ambient PG-DSO-8
R
thJA
–130
–K/W
2) TLE7250SJ
P_6.3.4
Thermal Shutdown (junction temperature)
Thermal shutdown temperature
T
JSD
150
175
200
°C
–
P_6.3.2
Thermal shutdown hysteresis
∆
T
–10
–
K
–
P_6.3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com