Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6206D
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6206D Datasheet HTML 4Page - STMicroelectronics L6206D Datasheet HTML 5Page - STMicroelectronics L6206D Datasheet HTML 6Page - STMicroelectronics L6206D Datasheet HTML 7Page - STMicroelectronics L6206D Datasheet HTML 8Page - STMicroelectronics L6206D Datasheet HTML 9Page - STMicroelectronics L6206D Datasheet HTML 10Page - STMicroelectronics L6206D Datasheet HTML 11Page - STMicroelectronics L6206D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical characteristics
L6206
8/29
DocID07617 Rev 4
4
Electrical characteristics
Table 5. Electrical characteristics (Tamb = 25 °C, Vs = 48 V, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSth(ON) Turn-on threshold
-
6.6
7
7.4
V
VSth(OFF) Turn-off threshold
-
5.6
6
6.4
V
IS
Quiescent supply current
All bridges OFF;
Tj = -25 °C to 125 °C(1)
-5
10
mA
Tj(OFF)
Thermal shutdown temperature
-
-
165
-
C
Output DMOS transistors
RDS(ON)
High-side switch ON resistance
Tj = 25 °C
-
0.34
0.4
Tj = 125 °C(1)
-
0.53
0.59
Low-side switch ON resistance
Tj = 25 °C
-
0.28
0.34
Tj = 125 °C(1)
-
0.47
0.53
IDSS
Leakage current
EN = low; OUT = VS
--
2
mA
EN = low; OUT = GND
-0.15
-
-
mA
Source drain diodes
VSD
Forward ON voltage
ISD = 2.8 A, EN = low
-
1.15
1.3
V
trr
Reverse recovery time
If = 2.8 A
-
300
-
ns
tfr
Forward recovery time
-
-
200
-
ns
Logic input
VIL
Low level logic input voltage
-
-0.3
-
0.8
V
VIH
High level logic input voltage
-
2
-
7
V
IIL
Low level logic input current
GND logic input voltage
-10
-
-
µA
IIH
High level logic input current
7 V logic input voltage
-
-
10
µA
Vth(ON)
Turn-on input threshold
-
-
1.8
2.0
V
Vth(OFF) Turn-off input threshold
-
0.8
1.3
-
V
Vth(HYS) Input threshold hysteresis
-
0.25
0.5
-
V
Switching characteristics
tD(on)EN Enable to out turn ON delay time(2)
ILOAD = 2.8 A, resistive load
100
250
400
ns
tD(on)IN
Input to out turn ON delay time
ILOAD = 2.8 A, resistive load
(deadtime included)
-1.6
-
µs
tRISE
Output rise time(2)
ILOAD = 2.8 A, resistive load
40
-
250
ns
tD(off)EN Enable to out turn OFF delay time(2)
ILOAD = 2.8 A, resistive load
300
550
800
ns
tD(off)IN
Input to out turn OFF delay time
ILOAD = 2.8 A, resistive load
-
600
-
ns
tFALL
Output fall time(2)
ILOAD = 2.8 A, resistive load
40
-
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com