Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206D Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6206D
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6206D Datasheet HTML 21Page - STMicroelectronics L6206D Datasheet HTML 22Page - STMicroelectronics L6206D Datasheet HTML 23Page - STMicroelectronics L6206D Datasheet HTML 24Page - STMicroelectronics L6206D Datasheet HTML 25Page - STMicroelectronics L6206D Datasheet HTML 26Page - STMicroelectronics L6206D Datasheet HTML 27Page - STMicroelectronics L6206D Datasheet HTML 28Page - STMicroelectronics L6206D Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Package information
L6206
26/29
DocID07617 Rev 4
Table 9. PowerSO36 package mechanical data
Symbol
Dimensions (mm)
Dimensions (inch)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
3.60
-
-
0.141
a1
0.10
-
0.30
0.004
-
0.012
a2
-
-
3.30
-
-
0.130
a3
0
-
0.10
0
-
0.004
b
0.22
-
0.38
0.008
-
0.015
c
0.23
-
0.32
0.009
-
0.012
D(1)
1. “D” and “E1” do not include mold flash or protrusions.
- Mold flash or protrusions shall not exceed 0.15 mm (0.006 inch).
- Critical dimensions are “a3”, “E” and “G”.
15.80
-
16.00
0.622
-
0.630
D1
9.40
-
9.80
0.370
-
0.385
E
13.90
-
14.50
0.547
-
0.570
e
-
0.65
-
-
0.0256
-
e3
-
11.05
-
-
0.435
-
E1(1)
10.90
-
11.10
0.429
-
0.437
E2
-
-
2.90
-
-
0.114
E3
5.80
-
6.20
0.228
-
0.244
E4
2.90
-
3.20
0.114
-
0.126
G
0
-
0.10
0
-
0.004
H
15.50
-
15.90
0.610
-
0.626
h
-
-
1.10
-
-
0.043
L
0.80
-
1.10
0.031
-
0.043
N
10° (max.)
S
8° (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com