Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AIY3 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32L4S5AIY3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AIY3 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32L4S5AIY3 Datasheet HTML 89Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 90Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 91Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 92Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 93Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 94Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 95Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 96Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 275 page
background image
DocID030322 Rev 2
93/275
STM32L4S5xx, STM32L4S7xx and STM32L4S9xx
Pinouts and pin description
116
98
A2
142 A11
B4
-
142
C4
A11
B4
PE1
I/O
FT
-
DCMI_D3,
LCD_VSYNC,
FMC_NBL1,
TIM17_CH1,
EVENTOUT
-
99
D3
143 A12
B3
99 143
A1
A12
B3
VSS
S
-
-
-
-
100
C4
144 B12
A3
10
0
144
B2
B12
A3
VDD
S
-
-
-
-
-
-
-
-
A2
-
-
-
-
A2
PH2
I/O
FT
-
OCTOSPIM_P1_IO4
, EVENTOUT
-
-
-
-
-
B2
-
-
-
-
B2
PI7
I/O
FT
-
TIM8_CH3,
DCMI_D7,
EVENTOUT
-
-
-
-
-
B1
-
-
-
-
B1
PI9
I/O
FT
-
OCTOSPIM_P2_IO2
, CAN1_RX,
EVENTOUT
-
-
-
-
-
A1
-
-
-
-
A1
PI10
I/O
FT
-
OCTOSPIM_P2_IO1
, EVENTOUT
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (for example to drive a LED).
2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup
domain and RTC register descriptions in the RM0432 reference manual.
3. NC (not-connected) balls must be left unconnected. However, PF8 and PF9 NC' IOs are not bonded. They must be
configured by software to output push-pull and forced to 0 in the output data register to avoid extra current consumption in
low-power modes.
4. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4
pins and the internal pull-down on PA14 pin are activated.
Table 15. STM32L4Sxxx pin definitions (continued)
Pin Number
Pin
name
(functio
n after
reset)
Alternate functions
Additional
functions
STM32L4S5xx
STM32L4S7xx
STM32L4S9xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com