Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4S5AIY3 Datasheet(PDF) 241 Page - STMicroelectronics

Part # STM32L4S5AIY3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, AESHASH
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4S5AIY3 Datasheet(HTML) 241 Page - STMicroelectronics

Back Button STM32L4S5AIY3 Datasheet HTML 237Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 238Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 239Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 240Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 241Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 242Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 243Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 244Page - STMicroelectronics STM32L4S5AIY3 Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 275 page
background image
DocID030322 Rev 2
241/275
STM32L4S5xx, STM32L4S7xx and STM32L4S9xx
Electrical characteristics
250
and VDD supply voltage conditions summarized in Table 22: General operating conditions,
with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 111. OctoSPI(1) characteristics in SDR mode(2)
1. Values in the table applies to Octal and Quad SPI mode.
2. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(QCK)
OctoSPI clock
frequency
1.71 V < VDD< 3.6 V
Voltage Range 1
CLOAD = 20 pF
--
58
MHz
2.7 V < VDD< 3.6 V
Voltage Range 1
CLOAD = 20 pF
--
86
1.71 V < VDD< 3.6 V
Voltage Range 1
CLOAD = 15 pF
--
66
1.71 V < VDD< 3.6 V
Voltage Range 2
CLOAD = 20 pF
--
26
tw(CKH)
OctoSPI clock
high and low
time
Prescaler = 0
t(CK)/2-1
-
t(CK)/2
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2
ts(IN)
Data input
setup time
Voltage Range 1
0.5
-
-
Voltage Range 2
0
-
-
th(IN)
Data input
hold time
Voltage Range 1
7.75
-
-
Voltage Range 2
10.5
-
-
tv(OUT)
Data output
valid time
Voltage Range 1
-
2
3.5
Voltage Range 2
-
4
5.5
th(OUT)
Data output
hold time
Voltage Range 1
0
-
-
Voltage Range 2
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com