Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6002CDWP Datasheet(PDF) 36 Page - Texas Instruments

Part # THS6002CDWP
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002CDWP Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS6002CDWP Datasheet HTML 32Page - Texas Instruments THS6002CDWP Datasheet HTML 33Page - Texas Instruments THS6002CDWP Datasheet HTML 34Page - Texas Instruments THS6002CDWP Datasheet HTML 35Page - Texas Instruments THS6002CDWP Datasheet HTML 36Page - Texas Instruments THS6002CDWP Datasheet HTML 37Page - Texas Instruments THS6002CDWP Datasheet HTML 38Page - Texas Instruments THS6002CDWP Datasheet HTML 39Page - Texas Instruments THS6002CDWP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
HDSL
Shown in Figure 60 is an example of the THS6002 being used for HDSL-2 applications. The receiver amplifiers
within the THS6002 have been configured as predrivers for the driver amplifiers. This dual composite amplifier
setup has the effect of raising the open loop gain for the combination of both amplifiers, thereby giving improved
distortion performance.
+
−
12 V
−12 V
11 k
Ω
7.5 k
Ω
1 k
Ω
THS6002
Receiver 1
9
6
7
+
−
12 V
−12 V
Driver 1
2
4
5
30
Ω
1 k
Ω
511
Ω
135
Ω
Output
27.4 VO(PP)
1:1.5
+
−
12 V
−12 V
11 k
Ω
7.5 k
Ω
1 k
Ω
Receiver 2
12
15
14
12 V
−12 V
Driver 2
19
17
16
30
Ω
1 k
Ω
511
Ω
+
−
12 V
−12 V
THS4001
U2
6
2
1
1 k
Ω
1 k
Ω
Input
3 V(PP)
+
−
Figure 60. HDSL-2 Line Driver
general configurations
A common error for the first-time CFB user is to create a unity gain buffer amplifier by shorting the output directly
to the inverting input. A CFB amplifier in this configuration is now commonly referred to as an oscillator. The
THS6002, like all CFB amplifiers, must have a feedback resistor for stable operation. Additionally, placing
capacitors directly from the output to the inverting input is not recommended. This is because, at high
frequencies, a capacitor has a very low impedance. This results in an unstable amplifier and should not be
considered when using a current-feedback amplifier. Because of this, integrators and simple low-pass filters,
which are easily implemented on a VFB amplifier, have to be designed slightly differently. If filtering is required,
simply place an RC-filter at the noninverting terminal of the operational-amplifier (see Figure 61).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com