Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6002CDWP Datasheet(PDF) 8 Page - Texas Instruments

Part # THS6002CDWP
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002CDWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS6002CDWP Datasheet HTML 4Page - Texas Instruments THS6002CDWP Datasheet HTML 5Page - Texas Instruments THS6002CDWP Datasheet HTML 6Page - Texas Instruments THS6002CDWP Datasheet HTML 7Page - Texas Instruments THS6002CDWP Datasheet HTML 8Page - Texas Instruments THS6002CDWP Datasheet HTML 9Page - Texas Instruments THS6002CDWP Datasheet HTML 10Page - Texas Instruments THS6002CDWP Datasheet HTML 11Page - Texas Instruments THS6002CDWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
+
−
1 k
Ω
VI
VO
25
Ω
50
Ω
1 k
Ω
Driver 1
+
−
1 k
Ω
VI
VO
25
Ω
50
Ω
1 k
Ω
Driver 2
Figure 1. Driver Input-to-Output Crosstalk Test Circuit
+
−
1 k
Ω
VI
VO
150
Ω
50
Ω
1 k
Ω
Receiver 1
+
−
1 k
Ω
VI
VO
150
Ω
50
Ω
1 k
Ω
Receiver 2
Figure 2. Receiver Input-to-Output Crosstalk Test Circuit
VI
VO
+
−
RG
RF
RL
25
Ω
50
Ω
−15 V
15 V
Driver
Figure 3. Driver Test Circuit, Gain = 1 + (RF/RG)
VI
VO
+
−
RG
RF
RL
150
Ω
50
Ω
−15 V
15 V
Receiver
Figure 4. Receiver Test Circuit, Gain = 1 + (RF/RG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com