Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4CC Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D4CC
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4CC Datasheet(HTML) 2 Page - Omron Electronics LLC

  D4CC Datasheet HTML 1Page - Omron Electronics LLC D4CC Datasheet HTML 2Page - Omron Electronics LLC D4CC Datasheet HTML 3Page - Omron Electronics LLC D4CC Datasheet HTML 4Page - Omron Electronics LLC D4CC Datasheet HTML 5Page - Omron Electronics LLC D4CC Datasheet HTML 6Page - Omron Electronics LLC D4CC Datasheet HTML 7Page - Omron Electronics LLC D4CC Datasheet HTML 8Page - Omron Electronics LLC D4CC Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
D4CC
Applicable Cables
Special Mounting Plate (Order Separately)
It is possible to replace an WL Limit Switch with a D4CC Limit Switch mounted on this plate without changing the position of the dog or cam.
List of Replaceable Models
Example of Replacement
Note: The position of the dog remains unchanged.
Specifications
Approved Standards
Ratings
Note: 1. The above current ratings are for steady-state current.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. Lamp loads have an inrush current of 10 times the steady-state current.
4. Motor loads have an inrush current of 6 times the steady-state current.
D4CC-3, D4CC-4, 1 A at 30 VDC
Approved Standard Ratings
UL/CSA
D4CC-1, D4CC-2
D150
Characteristics
Note: The above figures are initial values.
*1. The values are calculated at an operating temperature of +5
°C to +35°C,
and an operating humidity of 40% to 70%RH. Contact your OMRON sales
representative for more detailed information on other operating
environments.
*2. Excluding plastic rod models.
Leakage Current for Switches with Indicators
The leakage current and resistance of Switches with indicators are as follows:
Type
For AC
For DC
Appearance
No. of
conductors
Cable length
Model
Model
Straight
4
1 m
XS2F-A421-C90-F
XS2F-D421-C80-F
2 m
XS2F-A421-D90-F
XS2F-D421-D80-F
5 m
XS2F-A421-G90-F
XS2F-D421-G80-F
10 m
XS2F-A421-J90-F
XS2F-D421-J80-F
WL model
(Actuator)
D4CC model
(Actuator)
Plate
WLD
(Top plunger)
D4CC-
@001
(Plunger)
D4C-P001
WLD2
(Top roller plunger)
D4CC-
@002
(Roller plunger)
D4C-P002
WLG2
(Roller lever)
D4CC-
@024
(Roller lever)
D4C-P020
Dog
Dog
Mounting
plate
Agency
Standard
File No.
UL
UL508
E76675
CSA
CSA C22.2 No. 14
LR45746
Rated
voltage
Non-inductive load (A)
Inductive load (A)
Resistive
load
Lamp load
Inductive
load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
11
1
0.7
1
111
30 VDC
11
111
111
Inrush
current
NC
5 A max.
NO
2.5 A max.
Rated
voltage
Carry
current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
120 VAC
1.0 A
3.6
0.6
432
72
Degree of protection
IP67
Durability *1
Mechanical
10,000,000 operations min.
Electrical
200,000 operations min. (1 A at 125 VAC, resistive load)
Operating speed
0.1 mm/s to 0.5 m/s (in case of plunger)
1 mm/s to 1 m/s (in case of roller lever)
Operating
frequency
Mechanical
120 operations/min
Electrical
30 operations/min
Rated frequency
50/60 Hz
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance (initial)
100 m
Ω max.
Dielectric
strength
Between terminals
of same polarity
1,000 VAC, 50/60 Hz for 1 min
Between current-
carrying metal
parts and ground
1,500 VAC, 50/60 Hz for 1 min
Between each termi-
nal and non-current-
carrying metal part
1,500 VAC, 50/60 Hz for 1 min
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude *2
Shock
resistance
Destruction
1,000 m/s2 max.
Malfunction
500 m/s2 max. *2
Ambient operating temperature
−10°C to +70°C (with no icing)
Ambient operating humidity
35% to 95%RH
Weight
Approx. 120 g (in the case of D4CC-1002)
Item
Model
D4CC-2
@@@
D4CC-4
@@@
Voltage
125 VAC
30 VDC
Leakage current
1.0 mA
1.0 mA
Resistive value
150 k
Ω
30 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com