Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4CC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4CC
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4CC Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4CC Datasheet HTML 1Page - Omron Electronics LLC D4CC Datasheet HTML 2Page - Omron Electronics LLC D4CC Datasheet HTML 3Page - Omron Electronics LLC D4CC Datasheet HTML 4Page - Omron Electronics LLC D4CC Datasheet HTML 5Page - Omron Electronics LLC D4CC Datasheet HTML 6Page - Omron Electronics LLC D4CC Datasheet HTML 7Page - Omron Electronics LLC D4CC Datasheet HTML 8Page - Omron Electronics LLC D4CC Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
D4CC
Dimensions and Operating Characteristics
(Unit: mm)
Switches
Limit Switches The @ in each model number is replaced with the code expressing the rated load of the model. Refer to Model Number Legend.
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
* The TT is a reference value.
Operating Characteristics
Mod-
el
D4CC-
@001
D4CC-
@002
D4CC-
@003
D4CC-
@024
D4CC-
@031
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
11.77 N
4.41 N
1.8 mm
3 mm
0.2 mm
11.77 N
4.41 N
1.8 mm
3 mm
0.2 mm
11.77 N
4.41 N
1.8 mm
3 mm
0.2 mm
5.69 N
1.47 N
10
°±3°
50
°
3
°
17.65 N
4.41 N
1.8 mm
3 mm
0.2 mm
Operating Position
Total travel
OP
TT
*
15.7
±1 mm
---
28.5
±1 mm
---
28.5
±1 mm
---
---
24.9
±1 mm
(5) mm
75 max.
Indicator
M12
× 1
10.5
59.5 max.
(2)
OP
PT
40 max.
16
2.8
12 dia.
× 4.4 stainless steel roller
Correct
setting
position
2
1.4
1.5
7.5
7
8
23
2
34
25±0.1
holes
Spot facing
10.2 dia. depth: 6
Two, 5.1
+0.2
0
dia.
62.2 max.
Indicator
M12
× 1
10.5
57 max.
(2)
OP
PT
40 max.
16
2.8
10 dia.
stainless steel plunger
Correct
setting
position
25±0.1
2
1.4
1.5
Two, 5.1
+0.2
0
dia.
holes
Spot facing
10.2 dia. depth: 6
7.5
4.5
8
23
2
34
75 max.
Indicator
M12
× 1
10.5
59.5 max.
(2)
OP
PT
40 max.
16
2.8
12 dia.
× 4.4
stainless steel roller
Correct
setting
position
2
1.4
1.5
7.5
7
8
23
2
34
25
±0.1
holes
Spot facing
10.2 dia. depth: 6
Two, 5.1
+0.2
0
dia.
110.7
max.
40 max.
50 max.
16
65 max.
17.5 dia.
× 7 stainless
sintered roller
38R
7
2
11.4
M5 Allen-head
bolt
(length: 12)
7.5
8
23
Indicator
M12
× 1
10.5
(2)
1.4
1.5
2
34
25±0.1
44±0.8
30.2±0.8
31.5±0.8
holes
Spot facing 10.2 dia.
depth: 6
Two, 5.1
+0.2
0
dia.
Crossroller Plunger
D4CC-
@003
Pin Plunger
D4CC-
@001
Roller Plunger
D4CC-
@002
Roller Lever
D4CC-
@024
57 max.
OP
PT
40 max.
16
10 dia.
stainless steel plunger
Rubber seal
2
7.5
4
8
23
Indicator
M12
× 1
10.5
(2)
1.4
1.5
2
34
25±0.1
holes
Spot facing
10.2 dia. depth: 6
Two, 5.1
+0.2
0
dia.
Sealed Pin Plunger
D4CC-
@031



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com