Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL3 Datasheet(PDF) 2 Page - ITT Industries

Part # DL3
Description  Cannon ZIF Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL3 Datasheet(HTML) 2 Page - ITT Industries

  DL3 Datasheet HTML 1Page - ITT Industries DL3 Datasheet HTML 2Page - ITT Industries DL3 Datasheet HTML 3Page - ITT Industries DL3 Datasheet HTML 4Page - ITT Industries DL3 Datasheet HTML 5Page - ITT Industries DL3 Datasheet HTML 6Page - ITT Industries DL3 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
11
Cannon ZIF Connectors
DL - Plastic Body
Standard Materials and Finishes
DL Housing:
Glass Filled Thermoplastic, UL 94V-1 rated, Color: Black
Crimp Contacts and
- Copper alloy, 20 or 50 microinches gold over 50 microinches nickel in mated area,
Square Post Contacts:
gold flash on balance
Actuating Camshaft:
Stainless steel, Passivated
Insulator Retainer
(Plug Only)
Stainless steel, Passivated
Electrical Data
No. of Contacts:
60, 96, 156, and 260 signal
Wire Size:
#18 AWG through #42 AWG
Contact Termination:
- Crimp
- Square Post
- Wrap Post
- Buss
- Pressfit
Mechanical Data
Actuation:
Single Hand
Coupling:
Rotating latch
Polarization:
Polarizing Posts
Contact Spacing:
2,54 (0.100) Square Grid
Shell Styles:
Plug and Receptacle
Performance Data
Current Rating:
5 A max - Crimp/Square Post/PCB contact
10 A, 20 A, 30 A, 40 A, 50 A, 60 A max - Buss contact
Dielectric
Withstanding Voltage:
1200 VAC RMS - Crimp/Square Post Contact
Operating Temperature:
-55°C to 105°C (DL/DLM/DLD)
Insulation Resistance:
5000 Megaohms minimum
Durability:
10,000 Cycles minimum
Contact Resistance:
15 mΩ max. - Crimp/Square Post Contact
20 mΩ max. - Crimp #32 AWG - #30 AWG Contact
Insulation Resistance:
5000 MΩ min.
Wire Accommodation:
#42 AWG - #18 AWG
Contact Retention:
8 lb (35.585 N) minimum
Dimensions shown in mm (inch)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com