Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL3 Datasheet(PDF) 3 Page - ITT Industries

Part # DL3
Description  Cannon ZIF Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL3 Datasheet(HTML) 3 Page - ITT Industries

  DL3 Datasheet HTML 1Page - ITT Industries DL3 Datasheet HTML 2Page - ITT Industries DL3 Datasheet HTML 3Page - ITT Industries DL3 Datasheet HTML 4Page - ITT Industries DL3 Datasheet HTML 5Page - ITT Industries DL3 Datasheet HTML 6Page - ITT Industries DL3 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
DL - Plastic Body
Cannon ZIF Connectors
DL
1
-
156
P
W6
SERIES
DL : Thermo filled thermoplastic
1 - 156
2 - 96
3 - 60
5 - 260
TYPE
P - Plug
R - Receptacle
CONTACT TYPE
SIZE - CONTACT ARRANGEMENT
No letter - Crimp #18 thru #42 AWG
TO BE ORDERED SEPARATELY AND INSTALLED BY CUSTOMER
W4 - Wrap Post 15,37 (0.605), 20 inches Gold
W4A - Wrap Post 15,37 (0.605), 50 inches Gold, Plug only
W4B - Wrap Post 15,37 (0.605), 50 inches Gold, Receptacle only
W6 - Square Post 7,11 (0.280), 20 inches Gold
W6A - Square Post 7,11 (0.280), 50 inches Gold, Plug only
W6B - Square Post 7,11 (0.280), 50 inches Gold, Receptacle only
F - Pressfit, 20 inches Gold, DL5 Receptacle only
W9A - Square Post 3,18 (0.125), 50 inches Gold, Plug only
W9B - Square Post 3,18 (0.125), 50 inches Gold, Receptacle only
How to Order



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com