Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812B104F Datasheet(PDF) 27 Page - Multicomp Pro

Part # 1812B104F
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1812B104F Datasheet(HTML) 27 Page - Multicomp Pro

Back Button 1812B104F Datasheet HTML 21Page - Multicomp Pro 1812B104F Datasheet HTML 22Page - Multicomp Pro 1812B104F Datasheet HTML 23Page - Multicomp Pro 1812B104F Datasheet HTML 24Page - Multicomp Pro 1812B104F Datasheet HTML 25Page - Multicomp Pro 1812B104F Datasheet HTML 26Page - Multicomp Pro 1812B104F Datasheet HTML 27Page - Multicomp Pro 1812B104F Datasheet HTML 28Page - Multicomp Pro 1812B104F Datasheet HTML 29Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Page <27>
V1.0
08/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
Size
Dielectric
Rated Voltage
Capacitance
1206
X7R
100V
C≧1.0μF
50V
C≧2.2μF
X5R/X6S/X7S
100V
C>1.0μF
50V
C=4.7μF
1210
X5R/X7R/ X6S/
X7S
50V~100V
C≧2.2μF
1812
X7R
≦
50V
C≧4.7μF
100V
C≧1.0μF
1825
2220
2225
X7R
100V~250V
C≧1.0μF
(3) ≦6.3V or C≧10μF or TT series:150% of
rated voltage.
(4) 10V~250V: 200% of rated voltage. Ex-
cluding 1812/NP0(250V)/104:100% of rated
voltage.
(5) 400V~450V: 120% of rated voltage.
(6) 500V: 150% of rated voltage.
(7) 630V~3000V: 120% of rated voltage.
Excluding
1210/X7R(2kV)/103:110% of rated voltage.
1210/NP0(1kV)/333:100% of rated voltage.
1812/NP0(1kV)/472~562:100% of rated
voltage.
(8) Ur=3.5kV & 4kV: 110% of rated voltage.
* Before initial measurement (Class II only):
To apply de-aging at 150°C for 1hr then set
for 24±2 hrs at room temp.
* Cap. / DF(Q) / I.R. Measurement to be
made after de-aging at 150°C for 1hr then
set for 24±2 hrs at room temp.
** De-rating conditions:
The general MLCC products are designed for use in devices
with a typical lifetime around 10 years.
The general MLCC products are designed so that the useful
lifetime can be extended longer than 10 years under the fol-
lowing conditions:
*80% of the rated voltage or less, Maximum operating tem-
perature -20 degree C or less
Extended useful lifetime, under specific operating conditions,
can be estimated from the chart.
*The useful lifetime is the time when cumulative failure rate
becomes 1%.
*Please note that the useful lifetime data is for reference
only and not guaranteed.
* “Room condition” Temperature: 15 to 35°C, Relative humidity: 25 to 75%, Atmospheric pressure: 86 to 106kPa
Appendixes
Tape & Reel Dimensions
The dimension of paper tape
The dimension of plastic tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com