Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812B104F Datasheet(PDF) 16 Page - Multicomp Pro

Part # 1812B104F
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1812B104F Datasheet(HTML) 16 Page - Multicomp Pro

Back Button 1812B104F Datasheet HTML 12Page - Multicomp Pro 1812B104F Datasheet HTML 13Page - Multicomp Pro 1812B104F Datasheet HTML 14Page - Multicomp Pro 1812B104F Datasheet HTML 15Page - Multicomp Pro 1812B104F Datasheet HTML 16Page - Multicomp Pro 1812B104F Datasheet HTML 17Page - Multicomp Pro 1812B104F Datasheet HTML 18Page - Multicomp Pro 1812B104F Datasheet HTML 19Page - Multicomp Pro 1812B104F Datasheet HTML 20Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Page <16>
V1.0
08/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Packaging Dimension and Quantity
Size
Thickness (mm)/Symbol
Paper tape
Plastic tape
7″ reel
13″ reel
7″ reel
13″ reel
0201 (0603)
0.3 ±0.03
L
15,000
70,000
-
-
0.3 ±0.05
L
15,000
50,000
-
-
0.3 ±0.09
L
15,000
50,000
-
-
0603 (1608)
0.5 ±0.05
N
10,000
50,000
-
-
0.5 +0.02/-0.05
Q
10,000
50,000
-
-
0.5 ±0.20
E
10,000
-
-
-
0805 (2012)
0.5 ±0.10
H
4,000
-
-
-
0.8 ±0.07
S
4,000
15,000
-
-
0.8 +0.15/-0.10
X
4,000
15,000
-
-
0805 (2012)
0.5 ±0.10
H
4,000
15,000
-
-
0.6 ±0.10
A
4,000
15,000
-
-
0.8 ±0.10
B
4,000
15,000
-
-
0.85±0.10
T
4,000
15,000
-
-
1.25±0.10
D
-
-
3,000
10,000
1.25±0.20
I
-
-
3,000
10,000
1206 (3216)
0.8 ±0.10
B
4,000
15,000
-
-
0.85±0.10
T
4,000
15,000
-
-
0.95±0.10
C
-
-
3,000
10,000
1.15±0.15
J
-
-
3,000
10,000
1.25±0.10
D
-
-
3,000
10,000
1.6 ±0.20
G
-
-
2,000
10,000
1.6 +0.30/-0.10
P
-
-
2,000
9,000
1210 (3225)
0.85 ±0.10
T
-
-
3,000
10,000
0.95 ±0.10
C
-
-
3,000
10,000
1.25 ±0.10
D
-
-
3,000
10,000
1.6 ±0.20
G
-
-
2,000
-
2 ±0.20
K
-
-
1,000
6,000
2.5 ±0.30
M
-
-
1,000
6,000
1808 (4520)
1.25 ±0.10
D
-
-
2,000
10,000
1.4 ±0.15
F
-
-
2,000
10,000
1.6 ±0.20
G
-
-
2,000
8,000
2 ±0.20
K
-
-
1,000
6,000
1812 (4532)
1.25±0.10
D
-
-
1,000
5,000
1.6 ±0.20
G
-
-
1,000
-
2 ±0.20
K
-
-
1,000
-
2.5 ±0.30
M
-
-
500
3,000
2.8 ±0.30
U
-
-
500
-
Unit : pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com