Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812S104F Datasheet(PDF) 28 Page - Multicomp Pro

Part # 1812S104F
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1812S104F Datasheet(HTML) 28 Page - Multicomp Pro

Back Button 1812S104F Datasheet HTML 21Page - Multicomp Pro 1812S104F Datasheet HTML 22Page - Multicomp Pro 1812S104F Datasheet HTML 23Page - Multicomp Pro 1812S104F Datasheet HTML 24Page - Multicomp Pro 1812S104F Datasheet HTML 25Page - Multicomp Pro 1812S104F Datasheet HTML 26Page - Multicomp Pro 1812S104F Datasheet HTML 27Page - Multicomp Pro 1812S104F Datasheet HTML 28Page - Multicomp Pro 1812S104F Datasheet HTML 29Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Page <28>
V1.0
08/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Size
0201
0402
0603
0805
1206
1210
1808
1812
Thickness
L
N,E
S,H,X
A,H
B,T
D,I
B,T
C,J,D
G,P
T
C,D
G,K
M
D,F
G,K
D,F
G,K
M,U
A0
0.4 ±0.1
0.7 ±0.2
1.05
±0.3
1.5
±0.20
1.5
±0.20
< 1.8
1.9
±0.5
< 2
<2.3
< 3.05
< 3.05
< 3.05
< 3.20
< 2.50
< 2.50
< 3.90
< 3.90
< 3.9
B0
0.7 ±0.1
1.2 ±0.2
1.8 ±0.3
2.3
±0.2
2.3
±0.2
< 2.7
3.5
±0.5
< 3.7
< 4
< 3.8
< 3.8
< 3.8
<4
< 5.3
< 5.3
< 5.3
< 5.3
< 5.3
T
≦
0.55
≦
0.8
≦
1.2
≦
1.15
≦
1.2
0.23
±0.1
≦
1.2
0.23
±0.1
0.23
±0.1
0.23
±0.1
0.23
±0.1
0.23
±0.1
0.23
±0.1
0.25
±0.1
0.25
±0.1
0.25
±0.1
0.25
±0.1
0.25
±0.1
K0
0.44
±0.05
-
-
-
-
< 2.5
-
< 2.5
< 2.5
< 1.5
< 2
< 2.5q
< 3.2
< 2.5
< 2.5
< 2.5
< 2.5
< 3.5
W
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
8.00
±0.30
12.00
±0.30
12.00
±0.30
12.00
±0.30
12.00
±0.30
12 ±0.3
P0
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4.00
±0.10
4 ±0.1
10xP0
40 ±0.1
40 ±0.1
40 ±0.2
40
±0.2
40
±0.2
40
±0.2
40
±0.2
40
±0.2
40
±0.2
40 ±0.2
40 ±0.2
40 ±0.2
40 ±0.2
40 ±0.2
40 ±0.2
40 ±0.2
40 ±0.2
40 ±0.2
P1
2 ±0.05
2 ±0.05
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
4 ±0.1
8 ±0.1
8 ±0.1
8 ±0.1
P2
2 ±0.05
2 ±0.05
2±0.05
2
±0.05
2
±0.05
2
±0.05
2
±0.05
2
±0.05
2
±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2 ±0.05
2. ±0.1
2. ±0.1
2. ±0.1
2. ±0.1
2 ±0.1
D0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
D1
-
-
-
-
-
1 ±0.1
-
1 ±0.1
1 ±0.1
1 ±0.1
1 ±0.1
1 ±0.1
1 ±0.1
1.5
±0.1
1.5
±0.1
1.5
±0.1
1.5
±0.1
1.5
±0.1
E
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
F
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
5.5
±0.1
5.5
±0.1
5.5
±0.1
5.5
±0.1
5.5
±0.1
The dimension of reel
Size
0201, 0402, 0603, 0805, 1206, 1210
1812
Reel size
7″
10″
13″
7″
C
13 ±0.5
13 ±0.5
13 ±0.5
13 ±0.5
W1
10 ±1.5
10 ±1.5
10 ±1.5
12.4 +2.0/-0
A
178 ±2
250 ±2
330 ±2
178 ±2.0
N
60 +1.0/-0
50 min
50 min
60 +1.0/-0
Constructions
No.
Name
NPO, X7R, X5R, X6S, X7S, Y5V
1
Ceramic material
BaTiO3 based
2
Inner electrode
Ni
3
Termination
Inner layer
Cu
4
Middle layer
Ni
5
Outer layer
Sn
Dimensions : Millimetres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com