Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812S104F Datasheet(PDF) 4 Page - Multicomp Pro

Part # 1812S104F
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1812S104F Datasheet(HTML) 4 Page - Multicomp Pro

  1812S104F Datasheet HTML 1Page - Multicomp Pro 1812S104F Datasheet HTML 2Page - Multicomp Pro 1812S104F Datasheet HTML 3Page - Multicomp Pro 1812S104F Datasheet HTML 4Page - Multicomp Pro 1812S104F Datasheet HTML 5Page - Multicomp Pro 1812S104F Datasheet HTML 6Page - Multicomp Pro 1812S104F Datasheet HTML 7Page - Multicomp Pro 1812S104F Datasheet HTML 8Page - Multicomp Pro 1812S104F Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Page <4>
V1.0
08/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Note 1:
Rated vol.
D.F.≦
Exception of D.F. ≦
≧
100V
≦
2.5%
≦
3%
1206≧0.47μF
≦
5%
0805>0.1μF;0603≧0.068μF;1206>1μF;1210≧2.2μF;TT series
≦
10%
0805>0.22μF;1210≧3.3μF
50V
≦
2.5%
≦
3%
0201(50V); 0603≧0.047μF; 0805≧0.18μF;1206≧0.47μF
≦
5%
0201≧0.01uF; 1210≧4.7μF
≦
10%
0402≧0.012μF;0603>0.1μF; 0805≧1μF;1206≧2.2μF;
1210≧10μF; TT series
35V
≦
3.5%
≦
10%
0603≧1μF;0805≥2.2μF;1206≧2.2μF;1210≧10μF
25V
≦
3.5%
≦
5%
0201≧0.01μF;0805≧1μF; 1210≧10μF
≦
7%
0603≧0.33μF; 1206≧4.7μF
≦
10%
0201≧0.1μF;0402≧0.10μF;0603≧0.47μF; 0805≧2.2μF;
1206≧6.8μF ; 1210≧22μF ; TT series
≦
12.5%
0402≧0.47μF
16V
≦
3.5%
≦
5%
0201≧0.01μF;0402≧0.033μF;0603≧0.15μF;
0805≧0.68μF;1206≧2.2μF;1210≧4.7μF
≦
10%
0201≧0.1uF(0201/X7R≧0.022μF); 0402≧ 0.22uF; 0603≧
1206≧4.7μF; 1210≧22μF; TT series
10V
≦
5%
≦
10%
0201≧0.012μF;0402≧0.33μF(0402/X7R≧0.22μF); TT series
0603≧0.33μF; 0805≧2.2μF;1206≧2.2μF;1210≧22μF:01R5
≦
15%
0201≧0.1μF; 0402≧1μF
6.3V
≦
10%
≦
15%
0201≧0.1μF;0402≧1μF;0603≧10μF; 0805≧4.7μF;
1206≧47μF :1210≧100μF; TT series
≦
20%
0402≧2.2μF
4V
≦
15%
-
-
Rated vol.
D.F.≦
Exception of D.F. ≦
≧
50V
≦
5%
≦
7%
0603≧0.1μF; 0805≧0.47μF; 1206≧4.7μF; TT series
≦
12.5%
1210≧6.8μF
35V
≦
7%
-
-
25V
≦
5%
≦
7%
0402≧0.047μF;0603≧0.1μF; 0805≧0.33μF; 1206≧1μF;
1210≧4.7μF
≦
9%
0402≧0.068μF;0603≧0.47μF; 1206≧4.7μF; 1210≧22μF; TT series
16V
(C<1.0μF)
≦
7%
≦
9%
0402≧0.068μF; 0603≧0.68μF
≦
12.5%
0402≧0.22μF
16V
(C≧1.0μF)
≦
9%
≦
12.5%
0603≧2.2μF; 0805≧3.3μF;1206≧10μF; 1210≧22μF;
1812≧47μF; TT series
10V
≦
12.5%
≦
20%
0402≧0.47μF
6.3V
≦
20%
-
-
X7R/X5R/X6S/X7S
Y5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com