Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 30 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 30 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 24Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 25Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 26Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 27Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 28Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 29Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 30Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 31Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 32Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30

Counter C Input Parameters - PAXC & I only
DISPLAY
PARAMETER
FACTORY
SETTING
USER SETTING
 
COUNTER C OPERATING MODE



COUNTER C DECIMAL POSITION
COUNTER C RESET ACTION

 COUNTER C SCALE FACTOR (A)

COUNTER C SCALE FACTOR (B)*

 COUNTER C SCALE MULTIPLIER

COUNTER C COUNT LOAD VALUE (B)*
COUNTER C COUNT LOAD VALUE (A)

00
  COUNTER C RESET POWER-UP

DISPLAY
PARAMETER
USER SETTING
FACTORY
SETTING

USER INPUT 1


USER INPUT 2


USER INPUT 3


FUNCTION KEY 1


FUNCTION KEY 2


RESET KEY


2nd FUNCTION KEY 1


2nd FUNCTION KEY 2


Counter A & B Input Parameters - PAXC & I only

User Input and Function Key Parameters

Display and Program Lockout Parameters
DISPLAY
PARAMETER
FACTORY
SETTING
USER SETTING
 
COUNTER A DISPLAY LOCK-OUT

 
COUNTER B DISPLAY LOCK-OUT

 
COUNTER C DISPLAY LOCK-OUT


RATE DISPLAY LOCK-OUT


MAX DISPLAY LOCK-OUT


MIN DISPLAY LOCK-OUT


SETPOINT 1 ACCESS LOCK-OUT


SETPOINT 2 ACCESS LOCK-OUT


SETPOINT 3 ACCESS LOCK-OUT


SETPOINT 4 ACCESS LOCK-OUT


COUNT LOAD A ACCESS


COUNT LOAD B ACCESS


COUNT LOAD C ACCESS


SCALE FACTOR A ACCESS


SCALE FACTOR B ACCESS


SCALE FACTOR C ACCESS


DISPLAY INTENSITY ACCESS


SECURITY CODE
0

Rate Input Parameters - PAXI & R only
 9
 8
 6
 
 
 
 
 
 
 0
 9
 8
 6
 
 
 
 
 
 
 0

SCALING PT. 10 - DISPLAY VALUE
SCALING PT. 9 - DISPLAY VALUE
SCALING PT. 7 - DISPLAY VALUE
SCALING PT. 5 - DISPLAY VALUE
SCALING PT. 8 - DISPLAY VALUE
SCALING PT. 6 - DISPLAY VALUE
SCALING PT. 4 - DISPLAY VALUE
SCALING PT. 3 - DISPLAY VALUE
SCALING PT. 2 - DISPLAY VALUE
SCALING PT. 1 - DISPLAY VALUE
SCALING PT. 10 - INPUT VALUE
SCALING PT. 9 - INPUT VALUE
SCALING PT. 7 - INPUT VALUE
SCALING PT. 5 - INPUT VALUE
SCALING PT. 8 - INPUT VALUE
SCALING PT. 6 - INPUT VALUE
SCALING PT. 4 - INPUT VALUE
SCALING PT. 3 - INPUT VALUE
SCALING PT. 2 - INPUT VALUE
SCALING PT. 1 - INPUT VALUE
RATE ASSIGNMENT
9000
8000
6000
000
000
000
000
000
000
0
90000
80000
60000
0000
0000
0000
0000
0000
0000
00



RATE DISPLAY ROUNDING
LOW UPDATE TIME
0


MINIMUM LOW CUT OUT
HIGH UPDATE TIME
0
0

6

 
MIN CAPTURE DELAY TIME
LINEARIZER SEGMENTS
MAX CAPTURE DELAY TIME
RATE DECIMAL POINT
0
0
0
0
DISPLAY
PARAMETER
USER SETTING
FACTORY
SETTING
DISPLAY
PARAMETER
FACTORY
SETTING
USER SETTING
 
COUNTER A OPERATING MODE



COUNTER A DECIMAL POSITION
COUNTER A RESET ACTION

 COUNTER A SCALE FACTOR (A)

COUNTER A SCALE FACTOR (B) *

 COUNTER A SCALE MULTIPLIER

COUNTER A COUNT LOAD VALUE (B)*
COUNTER A COUNT LOAD VALUE (A)

00
  COUNTER A RESET POWER-UP


PRESCALER OUTPUT ENABLE


PRESCALER SCALE VALUE

 
COUNTER B OPERATING MODE

 





COUNTER B RESET POWER-UP
COUNTER B SCALE FACTOR (B)*
COUNTER B COUNT LOAD VALUE (A)
COUNTER B DECIMAL POSITION
COUNTER B COUNT LOAD VALUE (B)*
COUNTER B SCALE FACTOR (A)
COUNTER B SCALE MULTIPLIER
COUNTER B RESET ACTION






* See Module 2, Exchanging Parameter Lists, for details on programming this value.
* See Module 2, Exchanging Parameter Lists, for details on programming this value.
Shaded areas are model dependent.
PARAMETER VALUE CHART
Programmer ________________ Date ________
PAX Model Number _________
Meter# _____________ Security Code __________
Shaded areas are model dependent.
Shaded areas are model dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com