Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 15 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 15 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 11Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 12Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 13Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 14Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 15Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 16Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 17Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 18Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 19Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15
PAXR: MAINTAINED (LEVEL) RESET AND INHIBIT
PAXR: MOMENTARY (EDGE) RESET
15




MAINTAINED (LEVEL) RESET AND INHIBIT
The meter performs a reset and inhibits the displays configured as , as
long as activated (maintained action).




INHIBIT
The meter inhibits the displays configured as , as long as activated
(maintained action).

Minimum


Maximum


Counter C
 

Counter B
 

Counter A
 
FACTORY
DESCRIPTION
DISPLAY




MOMENTARY (EDGE) RESET
When activated (momentary action), the meter resets the displays configured as

. (Momentary resets improve max. input frequencies over maintained resets.)

Minimum


Maximum


Counter C
 

Counter B
 

Counter A
 
FACTORY
DESCRIPTION
DISPLAY

Minimum


Maximum


Counter C
 

Counter B
 

Counter A
 
FACTORY
DESCRIPTION
DISPLAY




STORE DISPLAY
The meter holds (freeze) the displays configured as , as long as activated
(maintained action). Internally the counters and max. and min. values continue to
update.




DEACTIVATE SETPOINT MAINTAINED (LEVEL)
The meter deactivates the setpoints configured as , as long as activated
(maintained action). This action only functions with a Setpoint card installed.




DEACTIVATE SETPOINT MOMENTARY (EDGE)
When activated (momentary action), the meter deactivates the setpoints
configured as . This action only functions with a Setpoint card installed.




HOLD SETPOINT STATE
The meter holds the state of the setpoints configured as , as long as
activated (maintained action). This action only functions with a Setpoint option
card installed.

Minimum


Maximum


Counter C
 

Counter B
 

Counter A
 
FACTORY
DESCRIPTION
DISPLAY




ACTIVATE SETPOINT MOMENTARY (EDGE)
When activated (momentary action), the meter activates the setpoints
configured as . This action only functions with a Setpoint card installed.

Setpoint 4


Setpoint 3


Setpoint 2


Setpoint 1

FACTORY
DESCRIPTION
DISPLAY
When activated (momentary action), the display intensity changes to the next
intensity level (of 4). The four levels correspond to Display Intensity Level
() settings of 0, 3, 8 & 15.




CHANGE DISPLAY INTENSITY LEVEL




ACTIVATE SETPOINT MAINTAINED (LEVEL)
The meter activates the setpoints configured as , as long as activated
(maintained action). This action only functions with a Setpoint card installed.
DISPLAY
DESCRIPTION
FACTORY

Setpoint 1


Setpoint 2


Setpoint 3


Setpoint 4

DISPLAY
DESCRIPTION
FACTORY

Setpoint 1


Setpoint 2


Setpoint 3


Setpoint 4


Setpoint 4


Setpoint 3


Setpoint 2


Setpoint 1

FACTORY
DESCRIPTION
DISPLAY

Setpoint 4


Setpoint 3


Setpoint 2


Setpoint 1

FACTORY
DESCRIPTION
DISPLAY




The meter performs a reset and inhibits the displays configured as , as
long as activated (maintained action).
DISPLAY
DESCRIPTION
FACTORY

Maximum


Minimum





When activated (momentary action), the meter resets the displays configured as

. (Momentary resets improve max. input frequencies over maintained resets.)
DISPLAY
DESCRIPTION
FACTORY

Maximum


Minimum




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com