Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7828 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 11Page - Texas Instruments ADS7828 Datasheet HTML 12Page - Texas Instruments ADS7828 Datasheet HTML 13Page - Texas Instruments ADS7828 Datasheet HTML 14Page - Texas Instruments ADS7828 Datasheet HTML 15Page - Texas Instruments ADS7828 Datasheet HTML 16Page - Texas Instruments ADS7828 Datasheet HTML 17Page - Texas Instruments ADS7828 Datasheet HTML 18Page - Texas Instruments ADS7828 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
SAR
2.5-V V
REF
Serial
Interface
SDA
Comparator
S/H Amp
REF
IN
OUT
/REF
SCL
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
A0
A1
CDAC
8-Channel
Multiplexer
Buffer
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The ADS7828 is a classic Successive Approximation Register (SAR) ADC. The architecture is based on
capacitive redistribution which inherently includes a sample-and-hold function. The converter is fabricated on a
0.6
μ CMOS process.
The ADS7828 core is controlled by an internally generated free-running clock. When the ADS7828 is not
performing conversions or being addressed, it keeps the ADC core powered off, and the internal clock does not
operate.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Analog Input
When the converter enters the hold mode, the voltage on the selected CHx pin is captured on the internal
capacitor array. The input current on the analog inputs depends on the conversion rate of the device. During the
sample period, the source must charge the internal sampling capacitor (typically 25 pF). After the capacitor has
been fully charged, there is no further input current. The amount of charge transfer from the analog source to the
converter is a function of conversion rate.
7.3.2 Reference
The ADS7828 can operate with an internal 2.5-V reference or an external reference. If a 5-V supply is used, an
external 5-V reference is required in order to provide full dynamic range for a 0 V to +VDD analog input. This
external reference can be as low as 50 mV. When using a 2.7-V supply, the internal 2.5-V reference will provide
full dynamic range for a 0 V to +VDD analog input.
As the reference voltage is reduced, the analog voltage weight of each digital output code is reduced. This is
often referred to as the LSB (least significant bit) size and is equal to the reference voltage divided by 4096. This
means that any offset or gain error inherent in the ADC will appear to increase, in terms of LSB size, as the
reference voltage is reduced.
The noise inherent in the converter will also appear to increase with lower LSB size. With a 2.5-V reference, the
internal noise of the converter typically contributes only 0.32 LSB peak-to-peak of potential error to the output
code. When the external reference is 50 mV, the potential error contribution from the internal noise is 50 times
larger—16 LSBs. The errors due to the internal noise are Gaussian in nature and can be reduced by averaging
consecutive conversion results.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com