Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7828 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS7828
Description  ADS7828-Q1 12-Bit 8-Channel Sampling Analog-to-Digital Converter With I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7828 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 13Page - Texas Instruments ADS7828 Datasheet HTML 14Page - Texas Instruments ADS7828 Datasheet HTML 15Page - Texas Instruments ADS7828 Datasheet HTML 16Page - Texas Instruments ADS7828 Datasheet HTML 17Page - Texas Instruments ADS7828 Datasheet HTML 18Page - Texas Instruments ADS7828 Datasheet HTML 19Page - Texas Instruments ADS7828 Datasheet HTML 20Page - Texas Instruments ADS7828 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
Feature Description (continued)
Figure 14 shows how data transfer is accomplished on the I2C bus. Depending upon the state of the R/W bit, two
types of data transfer are possible:
•
Data transfer from a master transmitter to a slave receiver.
The first byte transmitted by the master is the slave address. Next follows a number of data bytes. The slave
returns an acknowledge bit after the slave address and each received byte.
•
Data transfer from a slave transmitter to a master receiver.
The first byte, the slave address, is transmitted by the master. The slave then returns an acknowledge bit.
Next, a number of data bytes are transmitted by the slave to the master. The master returns an acknowledge
bit after all received bytes other than the last byte. At the end of the last received byte, a not-acknowledge is
returned.
The master device generates all of the serial clock pulses and the Start and Stop conditions. A transfer is ended
with a Stop condition or a repeated Start condition. Since a repeated Start condition is also the beginning of the
next serial transfer, the bus will not be released.
7.4 Device Functional Modes
The ADS7828 may operate in the following two modes:
•
Slave Receiver Mode
Serial data and clock are received through SDA and SCL. After each byte is received, an acknowledge bit is
transmitted. Start and Stop conditions are recognized as the beginning and end of a serial transfer. Address
recognition is performed by hardware after reception of the slave address and direction bit.
•
Slave Transmitter Mode
The first byte (the slave address) is received and handled as in the slave receiver mode. However, in this
mode the direction bit will indicate that the transfer direction is reversed. Serial data is transmitted on SDA by
the ADS7828 while the serial clock is input on SCL. Start and Stop conditions are recognized as the
beginning and end of a serial transfer.
7.4.1 Address Byte
The address byte is the first byte received following the Start condition from the master device (see Figure 15).
The first five bits (MSBs) of the slave address are factory pre-set to 10010. The next two bits of the address byte
are the device select bits, A1 and A0. Input pins (A1-A0) on the ADS7828 determine these two bits of the device
address for a particular ADS7828. A maximum of four devices with the same pre-set code can therefore be
connected on the same bus at one time.
Figure 15. Address Byte
MSB
6
5
4
3
2
1
LSB
1
0
0
1
0
A1
A0
R/W
The A1 and A0 address inputs can be connected to VDD or digital ground. The device address is set by the state
of these pins upon power-up.
The last bit of the address byte (R/W) defines the operation to be performed. When set to a 1, a read operation is
selected; when set to a 0, a write operation is selected. Following the Start condition, the ADS7828 monitors the
SDA bus, checking the device type identifier being transmitted. Upon receiving the 10010 code, the appropriate
device select bits, and the R/W bit, the slave device outputs an acknowledge signal on the SDA line.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADS7828-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com