Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS11050 Datasheet(PDF) 2 Page - Pro-Signal

Part # PS11050
Description  Patch Lead - CAT 5E
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PS11050 Datasheet(HTML) 2 Page - Pro-Signal

  PS11050 Datasheet HTML 1Page - Pro-Signal PS11050 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.2
10/12/19
Patch Lead - CAT 5E
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Description
Part Number
Patch Lead, CAT 5E, 4 m Blue
PS11011
Patch Lead, CAT 5E, 5 m Blue
PS11012
Patch Lead, CAT 5E, 6 m Blue
PS11013
Patch Lead, CAT 5E, 7 m Blue
PS11014
Patch Lead, CAT 5E, 10 m Blue
PS11015
Patch Lead, CAT 5E, 15 m Blue
PS11016
Patch Lead, CAT 5E, 20 m Blue
PS11017
Patch Lead, CAT 5E, 0.5 m Green
PS11018
Patch Lead, CAT 5E, 1 m Green
PS11019
Patch Lead, CAT 5E, 2 m Green
PS11020
Patch Lead, CAT 5E, 3 m Green
PS11021
Patch Lead, CAT 5E, 4 m Green
PS11022
Patch Lead, CAT 5E, 5 m Green
PS11023
Patch Lead, CAT 5E, 6 m Green
PS11024
Patch Lead, CAT 5E, 7 m Green
PS11025
Patch Lead, CAT 5E, 10 m Green
PS11026
Patch Lead, CAT 5E, 15 m Green
PS11027
Patch Lead, CAT 5E, 20 m Green
PS11028
Patch Lead, CAT 5E, 0.5 m Grey
PS11029
Patch Lead, CAT 5E, 1 m Grey
PS11030
Patch Lead, CAT 5E, 2 m Grey
PS11031
Patch Lead, CAT 5E, 3 m Grey
PS11032
Patch Lead, CAT 5E, 4 m Grey
PS11033
Patch Lead, CAT 5E, 5 m Grey
PS11034
Patch Lead, CAT 5E, 6 m Grey
PS11035
Patch Lead, CAT 5E, 7 m Grey
PS11036
Patch Lead, CAT 5E, 10 m Grey
PS11037
Patch Lead, CAT 5E, 15 m Grey
PS11038
Patch Lead, CAT 5E, 20 m Grey
PS11039
Patch Lead, CAT 5E, 0.5 m Red
PS11040
Patch Lead, CAT 5E, 1 m Red
PS11041
Patch Lead, CAT 5E, 2 m Red
PS11042
Patch Lead, CAT 5E, 3 m Red
PS11043
Patch Lead, CAT 5E, 4 m Red
PS11044
Patch Lead, CAT 5E, 5 m Red
PS11045
Patch Lead, CAT 5E, 6 m Red
PS11046
Patch Lead, CAT 5E, 7 m Red
PS11047
Description
Part Number
Patch Lead, CAT 5E, 10 m Red
PS11048
Patch Lead, CAT 5E, 15 m Red
PS11049
Patch Lead, CAT 5E, 20 m Red
PS11050
Patch Lead, CAT 5E, 0.5 m Yellow
PS11051
Patch Lead, CAT 5E, 1 m Yellow
PS11052
Patch Lead, CAT 5E, 2 m Yellow
PS11053
Patch Lead, CAT 5E, 3 m Yellow
PS11054
Patch Lead, CAT 5E, 4 m Yellow
PS11055
Patch Lead, CAT 5E, 5 m Yellow
PS11056
Patch Lead, CAT 5E, 6 m Yellow
PS11057
Patch Lead, CAT 5E, 7 m Yellow
PS11058
Patch Lead, CAT 5E, 10 m Yellow
PS11059
Patch Lead, CAT 5E, 15 m Yellow
PS11060
Patch Lead, CAT 5E, 20 m Yellow
PS11061
Patch Lead, CAT 5E, 0.5 m Pink
PS11062
Patch Lead, CAT 5E, 1 m Pink
PS11063
Patch Lead, CAT 5E, 2 m Pink
PS11064
Patch Lead, CAT 5E, 3 m Pink
PS11065
Patch Lead, CAT 5E, 5 m Pink
PS11066
Patch Lead, CAT 5E, 10 m Pink
PS11067
Patch Lead, CAT 5E, 0.5 m Violet
PS11068
Patch Lead, CAT 5E, 1 m Violet
PS11069
Patch Lead, CAT 5E, 2 m Violet
PS11070
Patch Lead, CAT 5E, 5 m Violet
PS11071
Patch Lead, CAT 5E, 10 m Violet
PS11072
Patch Lead, CAT 5E, 0.5 m Black
PS11073
Patch Lead, CAT 5E, 1 m Black
PS11074
Patch Lead, CAT 5E, 2 m Black
PS11075
Patch Lead, CAT 5E, 3 m Black
PS11076
Patch Lead, CAT 5E, 4 m Black
PS11077
Patch Lead, CAT 5E, 5 m Black
PS11078
Patch Lead, CAT 5E, 6 m Black
PS11079
Patch Lead, CAT 5E, 7 m Black
PS11080
Patch Lead, CAT 5E, 10 m Black
PS11081
Patch Lead, CAT 5E, 15 m Black
PS11082
Patch Lead, CAT 5E, 20 m Black
PS11083



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com