Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS11050 Datasheet(PDF) 1 Page - Pro-Signal

Part # PS11050
Description  Patch Lead - CAT 5E
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PS11050 Datasheet(HTML) 1 Page - Pro-Signal

  PS11050 Datasheet HTML 1Page - Pro-Signal PS11050 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.2
10/12/19
Patch Lead - CAT 5E
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Electrical Test
100% open short and miss wire test
Specifications Table
Item
Parts Name
Description
1
8P8C Plug
8P8Cplug, pin gold plated
2
Moulding
45P PVC
3
CAT5E Cable
(7/0.18 mm bare copper + HD-PE) × 4P
Jacket : PVC colour
Outer diameter : Ø5.5 ±0.2mm
Marking : RW System Cable UTP CAT5E 4 pairs 24 AWG Stranded TIA / EIA568 100MHz
Cable Length
Cable and Moulding Colours
200 ±5mm
-
500 ±5mm
Black
1,000 ±10mm
Blue
2,000 ±20mm
Green
3,000 ±30mm
Grey
4,000 ±40mm
Pink
Cable Length
Cable and Moulding Colours
5,000 ±50mm
Red
6,000 ±60mm
Violet
7,000 ±70mm
White
10,000 ±100mm
Yellow
15,000 ±150mm
-
20,000 ±200mm
-
Description
Part Number
Patch Lead, CAT 5E, 0.5 m White
PS11001
Patch Lead, CAT 5E, 1 m White
PS11002
Patch Lead, CAT 5E, 2 m White
PS11003
Patch Lead, CAT 5E, 3 m White
PS11004
Patch Lead, CAT 5E, 5 m White
PS11005
Part Number Table
Description
Part Number
Patch Lead, CAT 5E, 10 m White
PS11006
Patch Lead, CAT 5E, 0.5 m Blue
PS11007
Patch Lead, CAT 5E, 1 m Blue
PS11008
Patch Lead, CAT 5E, 2 m Blue
PS11009
Patch Lead, CAT 5E, 3 m Blue
PS11010


Similar Part No. - PS11050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS11050 ETC1-PS11050 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
More results

Similar Description - PS11050

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80050-R ASSMANN-A-MCSP-80050-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80050-R-R ASSMANN-A-MCSP-80050-R-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCUP-80005-G-R ASSMANN-A-MCUP-80005-G-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80005-R-R ASSMANN-A-MCUP-80005-R-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80030-B-R ASSMANN-A-MCUP-80030-B-R Datasheet
46Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80030-R-R ASSMANN-A-MCUP-80030-R-R Datasheet
46Kb / 1P
Cat 5e UTP Patch Cable
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com