Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE925PW Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCE925PW
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PW Datasheet(HTML) 3 Page - Texas Instruments

  CDCE925PW Datasheet HTML 1Page - Texas Instruments CDCE925PW Datasheet HTML 2Page - Texas Instruments CDCE925PW Datasheet HTML 3Page - Texas Instruments CDCE925PW Datasheet HTML 4Page - Texas Instruments CDCE925PW Datasheet HTML 5Page - Texas Instruments CDCE925PW Datasheet HTML 6Page - Texas Instruments CDCE925PW Datasheet HTML 7Page - Texas Instruments CDCE925PW Datasheet HTML 8Page - Texas Instruments CDCE925PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Changes from Revision E (October 2009) to Revision F
Page
Added PLL settings limits: 16
≤ q ≤ 63, 0 ≤ p ≤ 7, 0 ≤ r ≤ 511, 0 < N < 4096 to PLL1 and PLL2 Configure Register
tables .................................................................................................................................................................................... 21
Added PLL settings limits: 16
≤ q ≤ 63, 0 ≤ p ≤ 7, 0 ≤ r ≤ 511, 0 < N < 511 to PLL Multiplier/Divder Definition Section .... 25
Changes from Revision D (September 2009) to Revision E
Page
Deleted sentence - A different default setting can be programmed on customer request. Contact Texas Instruments
sales or marketing representative for more information. ...................................................................................................... 15
Changes from Revision C (December 2007) to Revision D
Page
Added Note 3: SDA and SCL can go up to 3.6 V as stated in the Recommended Operating Conditions table ................... 5
Changes from Revision B (August 2007) to Revision C
Page
Changed all values except in add rows: Original - 108, 102, 100, 96, 34.............................................................................. 6
Changed Generic Configuration Register table RID From: 0h To: Xb ................................................................................. 19
Added note to the PWDN description in Generic Configuration Register table ................................................................... 19
Changes from Revision A (August 2007) to Revision B
Page
Changed IDDPD Power-down current Typ value from 20 to 30................................................................................................ 6
Changed II LVCMOS Input current Typ value from ±5 to ±5 Max.......................................................................................... 6
Changed IIH LVCMOS Input current for S0/S1/S2 value from 5 Typ to 5 Max ...................................................................... 6
Changed IIL LVCMOS Input current for S0/S1/S2 value from –4 Typ to –4 Max................................................................... 6
Changed text of Note 4 in the DEVICE CHARACTERISTIC table......................................................................................... 8
Changed Test Load for 50-Ω Board Environment ................................................................................................................ 11
Changed PLL Setting table header From: OUTPUT SELECTION (Y2 ... Y9) To: OUTPUT SELECTION (Y2 ... Y5) ........ 14
Changed Generic Configuration Register table 01h Bit 7 From: For interla use – always write To: Reserved –
always write ......................................................................................................................................................................... 19
Changed PLL2 Configuration Register table PLL2_1N [11:4] description From: fVCO1_1 To: fVCO2_1 ................................... 23
Changes from Original (July 2007) to Revision A
Page
Changed the data sheet status From: Product Preview To: Production data ........................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com