Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE925PW Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCE925PW
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PW Datasheet(HTML) 1 Page - Texas Instruments

  CDCE925PW Datasheet HTML 1Page - Texas Instruments CDCE925PW Datasheet HTML 2Page - Texas Instruments CDCE925PW Datasheet HTML 3Page - Texas Instruments CDCE925PW Datasheet HTML 4Page - Texas Instruments CDCE925PW Datasheet HTML 5Page - Texas Instruments CDCE925PW Datasheet HTML 6Page - Texas Instruments CDCE925PW Datasheet HTML 7Page - Texas Instruments CDCE925PW Datasheet HTML 8Page - Texas Instruments CDCE925PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
CDCE(L)9xx
Clock
Ethernet
PHY
USB
Controller
WiFi
FPGA
25
MHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
CDCE(L)925: Flexible Low Power LVCMOS Clock Generator
With SSC Support for EMI Reduction
1
1 Features
1
Member of Programmable Clock Generator
Family
CDCEx913: 1-PLL, 3 Outputs
CDCEx925: 2-PLL, 5 Outputs
CDCEx925: 3-PLL, 7 Outputs
CDCEx949: 4-PLL, 9 Outputs
In-System Programmability and EEPROM
Serial Programmable Volatile Register
Nonvolatile EEPROM to Store Customer
Settings
Flexible Input Clocking Concept
External Crystal: 8 MHz to 32 MHz
On-Chip VCXO: Pull Range ±150 ppm
Single-Ended LVCMOS Up to 160 MHz
Free Selectable Output Frequency Up to
230 MHz
Low-Noise PLL Core
PLL Loop Filter Components Integrated
Low Period Jitter (Typical 60 ps)
Separate Output Supply Pins
CDCE925: 3.3 V and 2.5 V
CDCEL925: 1.8 V
Flexible Clock Driver
Three User-Definable Control Inputs
[S0/S1/S2], for Example, SSC Selection,
Frequency Switching, Output Enable, or Power
Down
Generates Highly Accurate Clocks for Video,
Audio, USB, IEEE1394, RFID, Bluetooth®,
WLAN, Ethernet™, and GPS
Generates Common Clock Frequencies Used
With TI-DaVinci™, OMAP™, DSPs
Programmable SSC Modulation
Enables 0-PPM Clock Generation
1.8-V Device Power Supply
Wide Temperature Range: –40°C to 85°C
Packaged in TSSOP
Development and Programming Kit for Easy PLL
Design and Programming (TI Pro-Clock™)
2 Applications
D-TVs,
STBs,
IP-STBs,
DVD
Players,
DVD
Recorders, and Printers
3 Description
The CDCE925 and CDCEL925 are modular PLL-
based low-cost, high-performance, programmable
clock synthesizers, multipliers, and dividers. They
generate up to five output clocks from a single input
frequency. Each output can be programmed in-
system for any clock frequency up to 230 MHz, using
up to two independent configurable PLLs.
The CDCEx925 has a separate output supply pin,
VDDOUT, which is 1.8 V for CDCEL925 and 2.5 V to
3.3 V for CDCE925.
The input accepts an external crystal or LVCMOS
clock signal. In case of a crystal input, an on-chip
load capacitor is adequate for most applications. The
value of the load capacitor is programmable from 0 to
20 pF. Additionally, an on-chip VCXO is selectable
which allows synchronization of the output frequency
to an external control signal, that is, PWM signal.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCEx925
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - CDCE925PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE925PW TI-CDCE925PW Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE925PWG4 TI-CDCE925PWG4 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE925PWR TI-CDCE925PWR Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE925PWRG4 TI-CDCE925PWRG4 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
More results

Similar Description - CDCE925PW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Texas Instruments
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com