Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17484F4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD17484F4
Description  CSD17484F4 30-V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17484F4 Datasheet(HTML) 2 Page - Texas Instruments

  CSD17484F4 Datasheet HTML 1Page - Texas Instruments CSD17484F4 Datasheet HTML 2Page - Texas Instruments CSD17484F4 Datasheet HTML 3Page - Texas Instruments CSD17484F4 Datasheet HTML 4Page - Texas Instruments CSD17484F4 Datasheet HTML 5Page - Texas Instruments CSD17484F4 Datasheet HTML 6Page - Texas Instruments CSD17484F4 Datasheet HTML 7Page - Texas Instruments CSD17484F4 Datasheet HTML 8Page - Texas Instruments CSD17484F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Specifications.................................................................. 3
5.1 Electrical Characteristics.............................................3
5.2 Thermal Information....................................................3
5.3 Typical MOSFET Characteristics................................ 4
6 Device and Documentation Support..............................7
6.1 Receiving Notification of Documentation Updates......7
6.2 Trademarks.................................................................7
7 Mechanical, Packaging, and Orderable Information.... 8
7.1 Mechanical Dimensions.............................................. 8
7.2 Recommended Minimum PCB Layout........................9
7.3 Recommended Stencil Pattern................................... 9
4 Revision History
Changes from Revision C (December 2019) to Revision D (February 2022)
Page
• Added FemtoFET Surface Mount Guide note.................................................................................................... 9
Changes from Revision B (September 2017) to Revision C (December 2019)
Page
• Changed On-State Resistance vs Gate-to-Source Voltage by truncating VGS from 20 V to 12 V......................4
Changes from Revision A (August 2017) to Revision B (September 2017)
Page
• Deleted the CSD68830F4 Embossed Carrier Tape Dimensions section............................................................9
Changes from Revision * (May 2015) to Revision A (August 2017)
Page
• Added the Section 6.1 and the Section 6 sections ............................................................................................ 7
• Updated the Section 7 section............................................................................................................................8
CSD17484F4
SLPS550D – MAY 2015 – REVISED FEBRUARY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CSD17484F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com