Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17484F4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD17484F4
Description  CSD17484F4 30-V N-Channel FemtoFET™ MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17484F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17484F4 Datasheet HTML 1Page - Texas Instruments CSD17484F4 Datasheet HTML 2Page - Texas Instruments CSD17484F4 Datasheet HTML 3Page - Texas Instruments CSD17484F4 Datasheet HTML 4Page - Texas Instruments CSD17484F4 Datasheet HTML 5Page - Texas Instruments CSD17484F4 Datasheet HTML 6Page - Texas Instruments CSD17484F4 Datasheet HTML 7Page - Texas Instruments CSD17484F4 Datasheet HTML 8Page - Texas Instruments CSD17484F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CSD17484F4 30-V N-Channel FemtoFET™ MOSFET
1 Features
• Low on-resistance
• Ultra-low Qg and Qgd
• Low-threshold voltage
• Ultra-small footprint (0402 Case Size)
– 1.0 mm × 0.6 mm
• Ultra-low profile
– 0.2-mm height
• Integrated ESD protection diode
– Rated > 4-kV HBM
– Rated > 2-kV CDM
• Lead and halogen free
• RoHS compliant
2 Applications
• Optimized for load switch applications
• Optimized for general purpose switching
applications
• Battery applications
• Handheld and mobile applications
3 Description
This 99-mΩ, 30-V, N-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint
in many handheld and mobile applications. This
technology is capable of replacing standard small
signal MOSFETs while providing at least a 60%
reduction in footprint size.
0.20
mm
Figure 3-1. Typical Part Dimensions
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
30
V
Qg
Gate Charge Total (4.5 V)
920
pC
Qgd
Gate Charge Gate-to-Drain
75
pC
RDS(on) Drain-to-Source On-Resistance
VGS = 1.8 V
170
mΩ
VGS = 2.5 V
125
VGS = 4.5 V
107
VGS = 8.0 V
99
VGS(th) Threshold Voltage
0.85
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD17484F4
3000
7-Inch Reel
Femto (0402)
1.00-mm × 0.60-mm
Land Grid Array (LGA)
Tape
and
Reel
CSD17484F4T
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
12
V
ID
Continuous Drain Current(1)
3.0
A
IDM
Pulsed Drain Current(1) (2)
18
A
IG
Continuous Gate Clamp Current
35
mA
Pulsed Gate Clamp Current(2)
350
PD
Power Dissipation
500
mW
V(ESD)
Human-Body Model (HBM)
4
kV
Charged-Device Model (CDM)
2
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, Single Pulse ID = 7.1 A,
L = 0.1 mH, RG = 25 Ω
2.5
mJ
(1)
Typical RθJA = 85°C/W on 1-in2 (6.45-cm2), 2-oz
(0.071-mm) thick Cu pad on a 0.06-in (1.52-mm) thick FR4
PCB.
(2)
Pulse duration ≤ 100 μs, duty cycle ≤ 1%.
D
G
S
Figure 3-2. Top View
CSD17484F4
SLPS550D – MAY 2015 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17484F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17484F4 TI1-CSD17484F4 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4T TI1-CSD17484F4T Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
More results

Similar Description - CSD17484F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com